Electronic Components Datasheet Search
  English  ▼

X  

PDEB2310L Datasheet(PDF) 5 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # PDEB2310L
Description  20V N-Channel MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

PDEB2310L Datasheet(HTML) 5 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  PDEB2310L Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. PDEB2310L Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. PDEB2310L Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. PDEB2310L Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd. PDEB2310L Datasheet HTML 5Page - Guangdong Huixin Electronic Technology Co., Ltd. PDEB2310L Datasheet HTML 6Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Potens semiconductor corp.
Ver.1.08
5
PDEB2310L
V
20V N-Channel MOSFETs
Symbol
Dimensions In Millimeters
Dimensions In Inches
MAX
MIN
MAX
MIN
A
0.800
0.500
0.031
0.019
A2
0.250
0.145
0.010
0.006
b
0.350
0.250
0.014
0.010
D
2.100
1.900
0.083
0.075
D1
1.050
0.800
0.041
0.031
D2
0.430
0.250
0.017
0.010
D3
0.200BSC
0.008BSC
D4
0.200BSC
0.008BSC
E
2.100
1.900
0.083
0.075
E1
1.250
0.800
0.049
0.031
E2
0.750
0.460
0.029
0.018
e
0.650BSC
0.026BSC
L
0.350
0.225
0.014
0.009
DFN2X2-6L PACKAGE INFORMATION



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com