Electronic Components Datasheet Search
  English  ▼

X  

GP214D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GP214D
Description  1.4GHz DUAL PLL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GP214D Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GP214D Datasheet HTML 1Page - List of Unclassifed Manufacturers GP214D Datasheet HTML 2Page - List of Unclassifed Manufacturers GP214D Datasheet HTML 3Page - List of Unclassifed Manufacturers GP214D Datasheet HTML 4Page - List of Unclassifed Manufacturers GP214D Datasheet HTML 5Page - List of Unclassifed Manufacturers GP214D Datasheet HTML 6Page - List of Unclassifed Manufacturers GP214D Datasheet HTML 7Page - List of Unclassifed Manufacturers GP214D Datasheet HTML 8Page - List of Unclassifed Manufacturers GP214D Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
GP214D
1.4GHz DUAL PLL
Version 1.2 (Jan. 2006)
2
GAINTECH INCORPORATED
PIN DESCRIPTION
Pin No.
Symbol
Function Description
I / O
1
Fin1
RF input, channel 1.
I
2, 15
Vcc
Power supply.
Two pins are connected each other.
-
3
CP1
Charge pump output, channel 1. Charge pump current is selected by the input
serial data.
O
4, 13
GND
Ground. Two pins are connected.
-
5
LD
Output of lock detection. It is the open drain output.
O
6
CK
Clock input.
7
DATA
Serial data input.
8
EN
Input of enable signal.
Serial data interface.
I
9
BO
Output of buffer amplifier. The local signal passes through the buffer amplifier.
O
10
OSCO
Oscillator output.
O
11
OSCI
PLL reference input.
Typically connected to a TCXO output.
I
12
SW
Switchover terminal to control time constant of loop filter. It is the open drain
output. When switched off, it’s normal output.
O
14
CP2
Charge pump output, channel 2.
O
16
Fin2
RF input, channel 2.
I
ABSOLUTE MAXIMUM RATINGS
Parameters
Symbol
Value
Unit
Power supply voltage
Vcc
5.5
V
Operating temperature
TOPR
-30 to +85
°C
Storage temperature
TSTG
-35 to +150
°C
ESD (Human body model)
2000
V
Note: This device is ESD sensitive. Appropriate ESD protection is required for device handling and assembly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com