Electronic Components Datasheet Search
  English  ▼

X  

36MB400A Datasheet(PDF) 4 Page - International Rectifier

Part # 36MB400A
Description  SINGLE PHASE BRIDGE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

36MB400A Datasheet(HTML) 4 Page - International Rectifier

  36MB400A Datasheet HTML 1Page - International Rectifier 36MB400A Datasheet HTML 2Page - International Rectifier 36MB400A Datasheet HTML 3Page - International Rectifier 36MB400A Datasheet HTML 4Page - International Rectifier 36MB400A Datasheet HTML 5Page - International Rectifier 36MB400A Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MB & JB Series
4
Bulletin I2715 rev. E 08/97
www.irf.com
Fig. 2 - Forward Voltage Drop Characteristics
Fig. 1 - Current Ratings Characteristics
Fig. 3 - Total Power Loss Characteristics
Fig. 4 - Maximum Non-Repetitive Surge Current
Fig. 5 - Maximum Non-Repetitive Surge Current
50
60
70
80
90
100
110
120
130
140
150
0
1
23
456789 10 11
180°
(Rect)
180°
(Sine)
Average Forward Current (A)
100JB..L Series
1
10
100
1000
0.5
1.5
2.5
3.5
100JB..L Series
Instantaneous Forward Voltage (V)
T = 15O°C
T = 25°C
J
J
0
25
50
75
100
125
150
15K/W
7K/W
3K
/W
4K
/W
Maximum Allowable Ambient Temperature (°C)
10K
/W
0
5
10
15
20
25
0
2
46
8
10
180°
(Sine)
180°
(Rect)
Average Forward Current (A)
100JB..L Series
T = 150°C
J
30
60
90
120
150
1
10
100
Number of Equal Amplitude Half Cycle Current Pulses (N)
100JB..L Series
At Any Rated Load Condition And With
Rated V
Applied Following Surge
Initial T = 150°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
J
RRM
25
50
75
100
125
150
0.01
0.1
1
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration.
100JB..L Series
Pulse Train Duration (s)
Initial T
= 150°C
No Voltage Reapplied
Rated V
Reapplied
RRM
J



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com