Electronic Components Datasheet Search
  English  ▼

X  

2700 Datasheet(PDF) 1 Page - Santronics Inc

Part # 2700
Description  Moisture Barrier Bag Dri-Shield®
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCS [Santronics Inc]
Direct Link  https://staticcontrol.descoindustries.com/
Logo SCS - Santronics Inc

2700 Datasheet(HTML) 1 Page - Santronics Inc

  2700 Datasheet HTML 1Page - Santronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This aluminized moisture barrier bag is designed to provide a static safe
environment for sensitive electronic devices. A stronger polyester layer helps
to prevent sharp trays from puncturing the bag. The bags are heat sealable
and suitable for vacuum packaging. Bags are printed with ESD and moisture
warning symbols and a lot code for traceability.
SCS Moisture Barrier Bags Dri-Shield® 2700 are manufactured from a
laminate of multiple layers of aluminized polyester and polyethylene. Polyester
provides puncture resistance. Metal layers are intended to provide shielding of
Electrostatic Discharge (ESD) and to help minimize the penetration of electric
field.
DRAWING
NUMBER
Dri-Shield® 2700
DATE
October
2017
© 2017 DESCO INDUSTRIES INC.
Employee Owned
DRI-SHIELD® 2700 MOISTURE BARRIER BAG
926 JR Industrial Drive, Sanford, NC 27332
WEB SITE: StaticControl.com
PHONE (919) 718-0000
Moisture Barrier Bag Dri-Shield® 2700
Specifications and procedures subject to change without notice.
Bag is free of amines, silicones and heavy metals.
This product is intended for commercial use only. This product is not on the Qualified Product
Listing under the Defense Standardization Program.
Open Top Bag
ZipTop Bag
Tolerance (inches): Width -0, +0.250 Length +/- 0.125 Offset O to 0.250
Seal width +/- 0.125
Meets ANSI/ESD S20.20, Packaging standard ANSI/ESD S541,
and Static Control Bag ANSI/ESD S11.4 Level 3 (except Transparency)
Physical
Typical Value
Testing Method
Moisture Vapor
Transmission Rate
(MVTR)
< 0.030 grams/100 sq. in./24 hrs MIL-STD-3010C Method 3030
Tensile Strength
6550 PSI, 45 MPa
ASTM D882
Puncture Resistance
30 lbs, 133 N
MIL-STD-3010 Method 2065
Seal Strength
20 lbs, 89 N
ASTM D882
Thickness
7 mils, 0.007" ±10%
MIL-STD-3010 Method 1003
Marking Adhesion
Pass
IPC-TM-650 2.4.1
Electrical
Typical Value
Testing Method
ESD Shielding
<10 nJ
ANSI/ESD STM11.31
Surface Resistance -
Interior
1 x 104 to < 1 x 1011 ohms
ANSI/ESD STM11.11
Surface Resistance -
Exterior
1 x 104 to < 1 x 1011 ohms
ANSI/ESD STM11.11
EMI Attenuation
45 dB
1 to 10 GHz
Cleanliness
Typical Value
Testing Method
Silicone
Not Detected
FTIR
Heat Sealing Conditions Typical Value
Temperature
400°F, 204°C
Time
0.6 – 4.5 seconds
Pressure
30 – 70 PSI, 206 – 482 KPa
Tolerance: Width -0, +1/4"
Length ± 1/8" Offset 0 to 1/4"
Seal width 3/8" with a tolerance of ± 1/8"
Note: Standard bag markings shown
above are not to scale.
NOTE: The complete dry package concept of packaging for electronics requires three elements:
Moisture Barrier Bags - To Protect
Desiccants - To Absorb Moisture
Humidity Indicator Cards - To Monitor Performance
SCS Moisture Barrier Bags are packaged in a polyethylene bag.
RoHS 3, REACH, and Conflict Minerals Statement
None of the RoHS 3 restricted materials or REACH substances of very high concern as
of 2017/07/07, or Conflict Minerals are intentionally added in manufacturing this product.
Ref: European Union Directive 2011/65/EU and Regulation (EC) No. 1907/2006/CE.
See SCS Warranty, Limitation of Liability and Remedies
Made in the
United States of America


Similar Part No. - 2700

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
2700 SWITCH-2700 Datasheet
56Kb / 1P
LONG FRAME (1/4) TWIN ROW JACK PANELS
logo
Heyco.
2700 HEYCO-2700 Datasheet
141Kb / 1P
Glossy and Thick Panel Glossy Plugs
logo
PHOENIX CONTACT
2700000 PHOENIX-2700000 Datasheet
43Kb / 2P
Software - Standard support subscription
2700001 PHOENIX-2700001 Datasheet
43Kb / 2P
Software - Extended support subscription
logo
Omron Electronics LLC
27000030-DE OMRON-27000030-DE Datasheet
3Mb / 28P
CIMR-AC4A0250AAA
More results

Similar Description - 2700

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MO100 EXTECH-MO100 Datasheet
104Kb / 1P
Moisture Detector
MO220 EXTECH-MO220 Datasheet
189Kb / 15P
Moisture Meter
MO250 EXTECH-MO250 Datasheet
107Kb / 6P
Moisture Meter
logo
3M Electronics
70068 3M-70068 Datasheet
70Kb / 3P
MOISTURE BARRIER BAG, ALUMINIZED
logo
List of Unclassifed Man...
13868 ETC2-13868 Datasheet
422Kb / 7P
Statshield Moisture Barrier Bags Application Instructions
logo
3M Electronics
70035 3M-70035 Datasheet
261Kb / 2P
3M Moisture Barrier Bag Dri-Shield 2000
logo
Extech Instruments Corp...
MO100 EXTECH-MO100_15 Datasheet
175Kb / 1P
Moisture Meter
logo
Vishay Siliconix
IHLE-3232DD-5A VISHAY-IHLE-3232DD-5A_V01 Datasheet
305Kb / 7P
IHLE® High Current Inductors With E-Field Shield
17-Feb-2022
IHLE-4040DD-51 VISHAY-IHLE-4040DD-51_V01 Datasheet
368Kb / 7P
IHLE® High Current Inductors With E-Field Shield
17-Feb-2022
IHLE-4040DD-5A VISHAY-IHLE-4040DD-5A_V01 Datasheet
359Kb / 7P
IHLE® High Current Inductors With E-Field Shield
17-Feb-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com