Electronic Components Datasheet Search
  English  ▼

X  

AMMBT3904-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # AMMBT3904-HF
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

AMMBT3904-HF Datasheet(HTML) 1 Page - Comchip Technology

  AMMBT3904-HF Datasheet HTML 1Page - Comchip Technology AMMBT3904-HF Datasheet HTML 2Page - Comchip Technology AMMBT3904-HF Datasheet HTML 3Page - Comchip Technology AMMBT3904-HF Datasheet HTML 4Page - Comchip Technology AMMBT3904-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RoHS Device
AMMBT3904-HF (NPN)
Halogen Free
AQW-JTR21
Page 1
REV:A
Company reserves the right to improve product design , functions and reliability without notice.
Comchip Technology CO., LTD.
General Purpose Transistor
Mechanical data
- Case: SOT-23, molded plastic.
- Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102.
Features
- Epoxy meets UL-94 V-0 flammability rating.
- Moisture sensitivity Level 1.
- AEC-Q101 Qualified.
Circuit Diagram
3
1
2
1. Base
2. Emitter
3. Collector
Maximum Ratings (at Ta=25°C unless otherwise noted)
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current-continuous
Unit
Symbol
Parameter
VCBO
VCEO
VEBO
IC
Value
40
60
6
200
V
V
V
mA
Total device dissipation
PD
300
mW
Junction temperature range
Storage temperature range
TJ
TSTG
-55 to +150
-55 to +150
°C
°C
Dimensions in inches and (millimeter)
SOT-23
3
1
2
0.055(1.40)
0.047(1.20)
0.118(3.00)
0.110(2.80)
0.079(2.00)
0.071(1.80)
0.041(1.05)
0.035(0.90)
0.004(0.10)
0.000(0.00)
0.020(0.50)
0.012(0.30)
0.008(0.20)
0.004(0.10)
0.100(2.55)
0.089(2.25)
0.020(0.50)
0.012(0.30)
Thermal resistance junction to ambient
RθJA
357
K/W


Similar Part No. - AMMBT3904-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
AMMBT3906-HF COMCHIP-AMMBT3906-HF Datasheet
498Kb / 5P
General Purpose Transistor
REV:A
More results

Similar Description - AMMBT3904-HF

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com