Electronic Components Datasheet Search
  English  ▼

X  

AMMBTA55-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # AMMBTA55-HF
Description  General Purpose Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

AMMBTA55-HF Datasheet(HTML) 1 Page - Comchip Technology

  AMMBTA55-HF Datasheet HTML 1Page - Comchip Technology AMMBTA55-HF Datasheet HTML 2Page - Comchip Technology AMMBTA55-HF Datasheet HTML 3Page - Comchip Technology AMMBTA55-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Purpose Transistor
Page 1
AMMBTA55-HF (PNP)
Comchip Technology CO., LTD.
RoHS Device
Halogen Free
AQW-JTR60
REV:A
Features
- Epitaxial planar die construction.
- High conductance.
Dimensions in inches and (millimeter)
SOT-23
0.122(3.10)
0.106(2.70)
0.059(1.50)
0.043(1.10)
0.079(2.00)
0.071(1.80)
0.043(1.10)
0.020(0.50)
0.006(0.15)
0.102(2.60)
0.087(2.20)
0.004(0.10)
0.014(0.35)
0.019(0.48)
0.001(0.02)
1
2
3
0.035(0.90)
0.012(0.30)
0.002(0.05)
1: Base
2: Emitter
3: Collector
Mechanical data
- Case: SOT-23, molded plastic.
- Mounting position: Any.
- AEC-Q101 Qualified.
Circuit Diagram
1
Base
2 Emitter
Collector
3
Maximum Ratings (at Ta=25°C unless otherwise noted)
Units
Symbol
Parameter
Value
VCBO
VCEO
VEBO
IC
PC
RθJA
TJ, TSTG
-60
-60
-4
-0.5
0.35
417
-55 to +150
V
V
V
A
W
°C/W
°C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current (DC)
Collector dissipation
Thermal resistance, junction to ambient
Junction and storage temperature
Base current
IB
-0.2
A
Thermal resistance, junction to case
RθJC
142
°C/W


Similar Part No. - AMMBTA55-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
AMMBTA56-HF COMCHIP-AMMBTA56-HF Datasheet
474Kb / 4P
General Purpose Transistor
REV:A
More results

Similar Description - AMMBTA55-HF

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com