Electronic Components Datasheet Search
  English  ▼

X  

LD098T2000 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LD098T2000
Description  980nm High-Power Laser Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LD098T2000 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LD098T2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers LD098T2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers LD098T2000 Datasheet HTML 3Page - List of Unclassifed Manufacturers LD098T2000 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
(5) Inductive surges near equipment that emits high frequency EMI can damage or destroy lasers. Avoid using lasers near
fluorescent lamps or other sources of EMI emissions.
4. Soldering
Use a grounded soldering iron to solder laser leads. Solder at a temperature of no more than 250_C for a maximum of 3
seconds, at a point at least 2 mm from the base of the leads.
5.Handling laser diodes
Never touch the glass window of the laser. A damaged or dirtied window will impair the performance of the laser.
6. Handling packages
Due to the glass window in each device, packages must not be dropped or subjected to excessive pressure.
7. Safety
It is extremely dangerous to look, either directly or through a lens, at the laser beam emitted from a laser diode. Use a TV
camera or other similar device to adjust the optical axis.
Quality assurance
Laser diodes (semiconductor lasers) have a much longer life than other lasers such as gas or solid-state lasers. The
components of our lasers have optimum characteristic ranges.
1.Quality assurance system
(1) After the wafers have been manufactured, electrical and optical characteristics are measured to verify that
characteristics can be achieved as the manufacturing process progresses.
(2) In-process inspections are conducted at various manufacturing points to ensure the stability of our assembly
operations.
(3) All products are burned-in to minimize initial and random failures.
(4) Characteristics of all products are tested before shipping.
(5) Products are managed by wafer lot.
(6) Reliability tests are performed on randomly selected samples.
2.Quality assurance measures
(1) Materials, manufacturing conditions, and inspection are controlled and maintained based on company set
standards. Temperature, dust, humidity and other environmental conditions are also controlled based on company
standards.
(2) Measurement instruments used during the manufacturing process are regularly inspected and calibrated based on
company measurement control standards.
Safety
The laser beam emitted from a laser diode is almost invisible to both the human eye and the animal eye, however, it
will injure the eye and sufficient caution must be exercised to avoid direct exposure or exposure through a fiber to the
beam when a laser diode is in operation.
To adjust the optical axis or perform other similar work, we recommend using an infrared-sensitive ITV camera.
We also recommend that protective glasses be worn.
CVC INTERNATIONAL LLC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com