Electronic Components Datasheet Search
  English  ▼

X  

LT1787CS8 Datasheet(PDF) 1 Page - Analog Devices

Part # LT1787CS8
Description  Precision, High Side Current Sense Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1787CS8 Datasheet(HTML) 1 Page - Analog Devices

  LT1787CS8 Datasheet HTML 1Page - Analog Devices LT1787CS8 Datasheet HTML 2Page - Analog Devices LT1787CS8 Datasheet HTML 3Page - Analog Devices LT1787CS8 Datasheet HTML 4Page - Analog Devices LT1787CS8 Datasheet HTML 5Page - Analog Devices LT1787CS8 Datasheet HTML 6Page - Analog Devices LT1787CS8 Datasheet HTML 7Page - Analog Devices LT1787CS8 Datasheet HTML 8Page - Analog Devices LT1787CS8 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1787/LT1787HV
1787fc
Precision, High Side
Current Sense Amplifiers
■ Input Offset Voltage: 75
µV (Max)
■ 60V Supply Operation (LT1787HV)
■ 12-Bit Dynamic Range
■ Operating Current: 60
µA
■ User-Selectable External Sense Resistor
■ Bidirectional High Side Current Sensing
■ Unidirectional or Bidirectional Output
■ Input Noise Filtering
■ –40
°C to 125°C Operating Temperature Range
■ Available in 8-Lead SO and MSOP Packages
The LT
®1787 is a complete micropower precision high
side current sense amplifier. The LT1787 monitors bidi-
rectional currents via the voltage across an external sense
resistor. A current or voltage output indicates the direction
and magnitude of the sense current. The LT1787 delivers
greater than a 12-bit dynamic range with ultralow 40
µV
input offset voltage compared to a typical 250mV full-
scale input voltage. A fixed gain of 8 is set by onboard
precision resistors. Input signal filtering is easily imple-
mented with a capacitor between the FIL– and FIL+ pins.
The LT1787HV operates from 2.5V to 60V total supply
voltage and the LT1787 operates from 2.5V to 36V total
supply voltage. Both versions have a PSRR in excess of
120dB. The LT1787/LT1787HV draw only 60
µA and are
available in 8-lead SO and MSOP packages.
■ Battery Monitoring
■ Power Monitoring
■ Portable Phones
■
Cellular Phones
■ Portable Test/Measurement Systems
■ Battery-Operated Systems
Input Offset Voltage vs Supply Voltage
12-Bit Dynamic Resolution Unidirectional Output into LTC
®1286 ADC
TOTAL SUPPLY VOLTAGE (V)
0
10
20
30
40
1787 TA01b
50
50
40
30
20
10
0
–10
–20
–30
–40
–50
60
18
27
36
45
LT1787HV
RSENSE
0.0016
Ω
1787 TA01
C1
1
µF
5V
FIL+
FIL–
R1
15k
C2
0.1
µF
VOUT = VBIAS + (8 • ILOAD • RSENSE)
I = 100A
2.5V TO 60V
TO
LOAD
LT1634-1.25
TO
µP
VREF VCC
GND
LTC1286
CS
CLK
DOUT
+IN
–IN
VBIAS
VOUT
ROUT
20k
VS
–
VS
+
DNC
VEE
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LT1787CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1787CS8 LINER-LT1787CS8 Datasheet
205Kb / 12P
Precision, High Side Current Sense Amplifiers
LT1787CS8 LINER-LT1787CS8 Datasheet
276Kb / 16P
Precision, High Side Current Sense Amplifiers
More results

Similar Description - LT1787CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1787 LINER-LT1787 Datasheet
205Kb / 12P
Precision, High Side Current Sense Amplifiers
logo
Maxim Integrated Produc...
MAX471 MAXIM-MAX471 Datasheet
120Kb / 12P
Precision, High-Side Current-Sense Amplifiers
Rev 2; 12/96
logo
Linear Technology
LT1787 LINER-LT1787_1 Datasheet
276Kb / 16P
Precision, High Side Current Sense Amplifiers
logo
Maxim Integrated Produc...
MAX9922 MAXIM-MAX9922 Datasheet
406Kb / 14P
Ultra-Precision, High-Side Current-Sense Amplifiers
Rev 0; 3/09
MAX9922 MAXIM-MAX9922_10 Datasheet
356Kb / 15P
Ultra-Precision, High-Side Current-Sense Amplifiers
Rev 1; 1/10
logo
Texas Instruments
LMP8480 TI-LMP8480 Datasheet
992Kb / 24P
Precision 76V High-Side Current Sense Amplifiers with Voltage Output
LMP8481 TI1-LMP8481 Datasheet
1Mb / 28P
Precision 76V High-Side Current Sense Amplifiers with Voltage Output
logo
Linear Technology
LT1787 LINER-LT1787_15 Datasheet
281Kb / 16P
Precision, High Side Current Sense Amplifiers
LT1787HV LINER-LT1787HV_15 Datasheet
281Kb / 16P
Precision, High Side Current Sense Amplifiers
logo
Texas Instruments
LMP8640 TI1-LMP8640_14 Datasheet
1Mb / 32P
Precision High Voltage Current Sense Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com