Electronic Components Datasheet Search
  English  ▼

X  

CMSD2004 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # CMSD2004
Description  Surface mount switching diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

CMSD2004 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  CMSD2004 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited CMSD2004 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited CMSD2004 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BL Galaxy Electrical
Production specification
Surface mount switching diode
CMSD2004
Document number: BL/SSSDC046
www.galaxycn.com
Rev.A
1
FEATURES
The central semiconductor cmsd2004
stype is a silicon switching dual in series diode
manufactured by the epitaxial planar, designed for
applications requiring high voltage capability. power
dissipation.
Pb
Lead-free
APPLICATIONS
SOT-23
High speed switching application.
ORDERING INFORMATION
Type No.
Marking
Package Code
CMSD2004
B6D
SOT-23
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Limits
Unit
Non-Repetitive Peak Reverse Voltage
VRM
300
V
DC Reverse Voltage
VR
240
V
Peak Repetitive Current
IF
225
mA
Forward Continuous Current
Io
200
mA
Peak Repetitive Forward Current
IFRM
625
mA
Peak forward surge current
@=1.0μs
@=1.0s
IFSM
4.0
1.0
A
Power Dissipation
Pd
250
mW
Operating Junction Temperature Range
Tj
150
℃
Storage Temperature Range
TSTG
-65 to +150
℃
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified


Similar Part No. - CMSD2004

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
CMSD2004 LUGUANG-CMSD2004 Datasheet
288Kb / 2P
Surface Mount Switching Diode
logo
Galaxy Semi-Conductor H...
CMSD2004 BILIN-CMSD2004 Datasheet
172Kb / 3P
Surface mount switching diode
logo
Central Semiconductor C...
CMSD2004S CENTRAL-CMSD2004S Datasheet
124Kb / 2P
HIGH VOLTAGE SWITCHING DIODE
logo
Guangdong Kexin Industr...
CMSD2004S KEXIN-CMSD2004S Datasheet
49Kb / 1P
High Voltage Switching Diode
logo
Jiangsu Changjiang Elec...
CMSD2004S JIANGSU-CMSD2004S Datasheet
1,000Kb / 4P
SWITCHING DIODE
More results

Similar Description - CMSD2004

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GDMBD2004 GTM-GDMBD2004 Datasheet
221Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GSBAS16 GTM-GSBAS16 Datasheet
119Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAL99 TSC-BAL99 Datasheet
46Kb / 2P
Surface Mount Switching Diode
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
Surface Mount Switching Diode
MMBD4448H TSC-MMBD4448H Datasheet
44Kb / 2P
Surface Mount Switching Diode
BAV23S TSC-BAV23S Datasheet
46Kb / 2P
Surface Mount Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com