Electronic Components Datasheet Search
  English  ▼

X  

MSC040SMB120SD Datasheet(PDF) 4 Page - Microchip Technology

Part # MSC040SMB120SD
Description  1200V, 40 mΩ N-Channel mSiC™ MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSC040SMB120SD Datasheet(HTML) 4 Page - Microchip Technology

  MSC040SMB120SD Datasheet HTML 1Page - Microchip Technology MSC040SMB120SD Datasheet HTML 2Page - Microchip Technology MSC040SMB120SD Datasheet HTML 3Page - Microchip Technology MSC040SMB120SD Datasheet HTML 4Page - Microchip Technology MSC040SMB120SD Datasheet HTML 5Page - Microchip Technology MSC040SMB120SD Datasheet HTML 6Page - Microchip Technology MSC040SMB120SD Datasheet HTML 7Page - Microchip Technology MSC040SMB120SD Datasheet HTML 8Page - Microchip Technology MSC040SMB120SD Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MSC040SMB120SD
Device Specifications
 Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS50004008A - 4
1.4.
Typical Performance Curves
Figure 1-1. Drain Current vs. VDS at TJ
0
4
8
12
16
20
0
50
100
150
200
VDS, Drain-to-Source Voltage (V)
VGS = 18V
-55 °C
25 °C
150 °C
175 °C
Figure 1-2. Drain Current vs. VDS at VGS
0
10
20
30
40
0
50
100
150
200
VDS, Drain-to-Source Voltage (V)
TJ= 25 °C
18V
16V
14V
12V
10V
8V
6V
15V
Figure 1-3. Drain Current vs. VDS at VGS
0
10
20
30
40
0
50
100
150
200
VDS, Drain-to-Source Voltage (V)
TJ = 150 °C
18V
16V
14V
12V
10V
8V
6V
15V
Figure 1-4. Drain Current vs. VDS at VGS
0
10
20
30
40
0
50
100
150
200
VDS, Drain-to-Source Voltage (V)
TJ = 175 °C
18V
15V
14V
16V
12V
10V
8V
6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com