Electronic Components Datasheet Search
  English  ▼

X  

FMMT591 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # FMMT591
Description  PNP Silicon Epitaxial Planar Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

FMMT591 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  FMMT591 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited FMMT591 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited FMMT591 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited FMMT591 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BL Galaxy Electrical
Production specification
PNP Silicon Epitaxial Planar Transistor
FMMT591
Document number: BL/SSSTC053
www.galaxycn.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=-100μA,IE=0
-80
V
Collector-emitter breakdown voltage V(BR)CEO
IC=-10mA,IB=0
B
-60
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100μA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-60V,IE=0
-0.1
μA
Emitter cut-off current
IEBO
VEB=-4V,IC=0
-0.1
μA
DC current gain
hFE
VCE=-5V,IC=-1mA
VCE=-5V,IC=-500mA
VCE=-5V,IC=-1A
VCE=-5V,IC=-2A
100
100
80
15
300
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA, IB=-50mA
B
IC=-1A, IB= -100mA
B
-0.3
-0.6
V
Base-emitter saturation voltage
VBE(sat)
IC=-1A, IB= -100mA
B
-1.2
V
Base-emitter voltage
VBE
VCE=-5V,IC=-1A
-1
V
Transition frequency
fT
VCE=-10V, IC= -50mA
f=100MHz
150
MHz
Collector output capacitance
Cob
VCB=-10V,IE=0,f=1MHz
10
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com