Electronic Components Datasheet Search
  English  ▼

X  

L6932D1.8 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6932D1.8
Description  HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6932D1.8 Datasheet(HTML) 3 Page - STMicroelectronics

  L6932D1.8 Datasheet HTML 1Page - STMicroelectronics L6932D1.8 Datasheet HTML 2Page - STMicroelectronics L6932D1.8 Datasheet HTML 3Page - STMicroelectronics L6932D1.8 Datasheet HTML 4Page - STMicroelectronics L6932D1.8 Datasheet HTML 5Page - STMicroelectronics L6932D1.8 Datasheet HTML 6Page - STMicroelectronics L6932D1.8 Datasheet HTML 7Page - STMicroelectronics L6932D1.8 Datasheet HTML 8Page - STMicroelectronics L6932D1.8 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
L6932
BLOCK DIAGRAM (Referred to the Fixed Voltage version)
ELECTRICAL CHARACTERISTCS (Tj = 25°C, VIN = 5V unless otherwise specified)
(*) Specification referred to Tj from -25°C to 125°C.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vin
Operating Supply Voltage
2
14
V
Vo
Output voltage L6932D1.2
Io = 0.1A; Vin = 3.3V
1.188
1.2
1.212
V
Output voltage L6932D1.8
Io = 0.1A; Vin = 3.3V
1.782
1.8
1.818
V
Output voltage L6932D2.5
Io = 0.1A; Vin = 3.3V
2.475
2.5
2.525
V
L6932D1.2
Line Regulation
Vin = 2.5V ±10%; Io = 10mA
5
mV
Vin = 3.3V ±10%; Io = 10mA
5
mV
Vin = 5V ±10%;
Io = 10mA
5
mV
L6932D1.8
Line Regulation
Vin = 2.5V ±10%; Io = 10mA
5
mV
Vin = 3.3V ±10%; Io = 10mA
5
mV
Vin = 5V ±10%;
Io = 10mA
5
mV
L6932D2.5
Line Regulation
Vin = 3.3V ±10%; Io = 10mA
5
mV
Vin = 5V ±10%;
Io = 10mA
5
mV
L6932D1.2 Load Regulation
Vin = 3.3V; 0.1A < Io < 2A
15
mV
L6932D1.8 Load Regulation
Vin = 3.3V; 0.1A < Io < 2A
15
mV
L6932D2.5 Load Regulation
Vin = 3.3V; 0.1A < Io < 2A
15
mV
Rdson
Drain Source ON resistance
200
m
Ω
Iocc
Current limiting
2.3
2.5
2.7
A
Iq
Quiescent current
0.2
0.4
mA
Ish
Shutdown current
2V < Vin < 14V
*
25
µA
Ripple Rejection
f = 120Hz, Io = 1A
Vin = 5V, ∆Vin = 2Vpp
60
75
dB
Ven
EN Input Threshold
0.5
0.65
0.8
V
REFERENCE
VREF=1.25V
CURRENT
LIMIT
THERMAL
SENSOR
ENABLE
EN
IN
OUT
PG
GND
CHARGE
PUMP
ERROR
AMPL.
DRIVER
VREF
0.9 VREF
+
-
-
+
D99IN1100



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com