Electronic Components Datasheet Search
  English  ▼

X  

L7800 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L7800
Description  POSITIVE VOLTAGE REGULATORS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7800 Datasheet(HTML) 1 Page - STMicroelectronics

  L7800 Datasheet HTML 1Page - STMicroelectronics L7800 Datasheet HTML 2Page - STMicroelectronics L7800 Datasheet HTML 3Page - STMicroelectronics L7800 Datasheet HTML 4Page - STMicroelectronics L7800 Datasheet HTML 5Page - STMicroelectronics L7800 Datasheet HTML 6Page - STMicroelectronics L7800 Datasheet HTML 7Page - STMicroelectronics L7800 Datasheet HTML 8Page - STMicroelectronics L7800 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
1/34
November 2004
s
OUTPUT CURRENT TO 1.5A
s
OUTPUT VOLTAGES OF 5; 5.2; 6; 8; 8.5; 9;
10; 12; 15; 18; 24V
s
THERMAL OVERLOAD PROTECTION
s
SHORT CIRCUIT PROTECTION
s
OUTPUT TRANSITION SOA PROTECTION
DESCRIPTION
The L7800 series of three-terminal positive
regulators is available in TO-220, TO-220FP,
TO-220FM, TO-3 and D2PAK packages and
several fixed output voltages, making it useful in a
wide range of applications. These regulators can
provide local on-card regulation, eliminating the
distribution problems associated with single point
regulation. Each type employs internal current
limiting,
thermal
shut-down
and
safe
area
protection, making it essentially indestructible. If
adequate heat sinking is provided, they can
deliver over 1A output current. Although designed
primarily
as
fixed
voltage
regulators,
these
devices can be used with external components to
obtain adjustable voltage and currents.
L7800
SERIES
POSITIVE VOLTAGE REGULATORS
Figure 1: Schematic Diagram
TO-220
D2PAK
TO-3
TO-220FP
TO-220FM
Rev. 12


Similar Part No. - L7800

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7800AB STMICROELECTRONICS-L7800AB Datasheet
108Kb / 17P
PRECISION 1A REGULATORS
Nov-1999
L7800AB STMICROELECTRONICS-L7800AB_07 Datasheet
373Kb / 28P
Precision 1A regulators
19-Jan-2007
L7800AC STMICROELECTRONICS-L7800AC Datasheet
108Kb / 17P
PRECISION 1A REGULATORS
Nov-1999
L7800 STMICROELECTRONICS-L7800_V01 Datasheet
1Mb / 47P
Positive voltage regulators
03-Aug-2006
More results

Similar Description - L7800

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
78L18 WINGS-78L18 Datasheet
154Kb / 2P
Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
POSITIVE VOLTAGE REGULATORS
Jul-2003
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
POSITIVE-VOLTAGE REGULATORS
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
Positive voltage regulators
14-Apr-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com