Electronic Components Datasheet Search
  English  ▼

X  

RG401 Datasheet(PDF) 1 Page - Multicomp Pro

Part # RG401
Description  Coax Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

RG401 Datasheet(HTML) 1 Page - Multicomp Pro

  RG401 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
06/07/21
Coax Cable
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Construction
Item
Material
Diameter
Inches
mm
Inner conductor
Silver Plated Copper
0.0641 ±0.001 1.63 ±0.03
Dielectric
PTFE
0.209 ±0.002
5.3 ±0.05
Outer conductor
Copper tube / tin-plated copper tube
0.250 ±0.001 6.35 ±0.03
Electrical Characteristics
Capacitance
: 95.1pF/m
Impedance
: 50 ±0.5Ω
Velocity of propagation
: 69.5%
Inner Conductor DCR
: 8.4Ω/km
Max. Operating Frequency
: 18GHz
Max. Operating Voltage
: 3000 RMS
Min. Inside Bend Radius
: 22.2mm
Min. Corona Extinction Voltage
: 3000Vrms
Min. Voltage Withstand
: 7500Vrms
Operating temperature range
: -55°C to +125°C
Attenuation and Average Power (at 20 °C and Sea Level)
Frequency
(GHz)
Attenuation
Average Power
(Watts CW)
(dB/ft)
(dB/meter)
0.5
0.05
0.16
1,332.1
1
0.07
0.23
914.6
5
0.17
0.56
364.4
10
0.27
0.89
238.2
18
0.48
1.57
200
Part Number Table
Description
Part Number
Cable, Coax, Semi Rigid, 1m
RG401
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.


Similar Part No. - RG401

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RG401 ETC2-RG401 Datasheet
26Kb / 1P
Coax Cable
logo
Rosenberger Hochfrequen...
RG401 ROSENBERGER-RG401 Datasheet
237Kb / 2P
7/16 Straight Plug
logo
Pasternack Enterprises,...
RG401-U PASTERNACK-RG401-U Datasheet
298Kb / 3P
RG401 Coax Cable with Copper
More results

Similar Description - RG401

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RG178 ETC1-RG178 Datasheet
34Kb / 1P
Cable, Coax, RG178,100 M
RG401 ETC2-RG401 Datasheet
26Kb / 1P
Coax Cable
URM67 ETC2-URM67 Datasheet
144Kb / 1P
Coax Cable
1674ATIN100 ETC2-1674ATIN100 Datasheet
105Kb / 4P
Coax - 50 Ohm Microwave Cable
logo
Tripp Lite. All Rights ...
P500-010 TRIPPLITE-P500-010 Datasheet
480Kb / 4P
VGA Coax Monitor Extension Cable, High Resolution cable with RGB coax (HD15 M/F)
P502001 TRIPPLITE-P502001 Datasheet
485Kb / 2P
VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M/M), 1-ft
logo
Pulse A Technitrol Comp...
W9003 PULSE-W9003 Datasheet
987Kb / 12P
LOW LOSS MINI COAX JUMPER CABLE
logo
Pasternack Enterprises,...
RG401-U PASTERNACK-RG401-U Datasheet
298Kb / 3P
RG401 Coax Cable with Copper
logo
Pulse A Technitrol Comp...
W90XX PULSE-W90XX Datasheet
703Kb / 12P
Low loss Mini Coax Jumper Cable
logo
SparkFun Electronics
CAB-00508 SPARKFUN-CAB-00508 Datasheet
103Kb / 1P
Banana to Alligator Coax Cable
9??1??7
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com