Electronic Components Datasheet Search
  English  ▼

X  

MPC7447A Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # MPC7447A
Description  RISC Microprocessor Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7447A Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MPC7447A Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC7447A Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC7447A Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC7447A Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC7447A Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC7447A Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC7447A Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC7447A Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC7447A Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
MPC7448 RISC Microprocessor Hardware Specifications, Rev. 4
48
Freescale Semiconductor
System Design Information
9.7.1
Internal Package Conduction Resistance
For the exposed-die packaging technology described in Table 5, the intrinsic conduction thermal resistance
paths are as follows:
•
The die junction-to-case thermal resistance (the case is actually the top of the exposed silicon die)
•
The die junction-to-board thermal resistance
Figure 24 depicts the primary heat transfer path for a package with an attached heat sink mounted to a
printed-circuit board.
Figure 24. C4 Package with Heat Sink Mounted to a Printed-Circuit Board
Heat generated on the active side of the chip is conducted through the silicon, through the heat sink attach
material (or thermal interface material), and, finally, to the heat sink, where it is removed by forced-air
convection.
Because the silicon thermal resistance is quite small, the temperature drop in the silicon may be neglected
for a first-order analysis. Thus, the thermal interface material and the heat sink conduction/convective
thermal resistances are the dominant terms.
9.7.2
Thermal Interface Materials
A thermal interface material is recommended at the package lid-to-heat sink interface to minimize the
thermal contact resistance. For those applications where the heat sink is attached by spring clip
mechanism, Figure 25 shows the thermal performance of three thin-sheet thermal-interface materials
(silicone, graphite/oil, fluoroether oil), a bare joint, and a joint with thermal grease as a function of contact
pressure. As shown, the performance of these thermal interface materials improves with increasing contact
pressure. The use of thermal grease significantly reduces the interface thermal resistance. That is, the bare
joint results in a thermal resistance approximately seven times greater than the thermal grease joint.
Often, heat sinks are attached to the package by means of a spring clip to holes in the printed-circuit board
(see Figure 22). Therefore, synthetic grease offers the best thermal performance due to the low interface
pressure and is recommended due to the high power dissipation of the MPC7448. Of course, the selection
External Resistance
External Resistance
Internal Resistance
Radiation
Convection
Radiation
Convection
Heat Sink
Printed-Circuit Board
Thermal Interface Material
Package/Leads
Die Junction
Die/Package
(Note the internal versus external package resistance.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com