Electronic Components Datasheet Search
  English  ▼

X  

ST7200USBM Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # ST7200USBM
Description  7-Port USB 2.0 Hub - Metal Industrial USB-A Hub with ESD Protection & 350W Surge Protection - Din Rail, Wall or Desk Mountable - TAA Compliant USB Expander Hub
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

ST7200USBM Datasheet(HTML) 2 Page - StarTech.com Ltd.

  ST7200USBM Datasheet HTML 1Page - StarTech.com Ltd. ST7200USBM Datasheet HTML 2Page - StarTech.com Ltd. ST7200USBM Datasheet HTML 3Page - StarTech.com Ltd. ST7200USBM Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Applications
• Ideal for tough conditions that are subject to large temperature variances, or where there’s a risk of physical
damage
• Great for industrial and manufacturing environments where only terminal block connection is preferred
• Connect a variety of USB devices such as industrial printers or cameras, plus fast-charge your smartphone and
tablet
• Mount to a wall near or under a desk surface in a Lab, Service Repair area or office area connecting multiple USB
peripherals
• Use in a conference or meeting room utilizing multiple USB peripherals or for charging several mobile devices
Features
• Protects your connected devices with 15kV Air and 8kV Contact ESD protection
• Surge protection of 350W on the downstream and upstream USB ports
• Mount industrial USB 2.0 hub where required with built-in mounting brackets or included DIN rails
• Offers flexible, wide-range power inputs with a 7-24V DC terminal block
• Adds seven USB 2.0 ports from a single USB connection
Hardware
Warranty
2 Years
Ports
7
Interface
USB 2.0
Bus Type
USB 2.0
USB 2.0
Industry Standards
USB 2.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com