Electronic Components Datasheet Search
  English  ▼

X  

AR60 Datasheet(PDF) 7 Page - SICK AG

Part # AR60
Description  SAFETY LIGHT CURTAINS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

AR60 Datasheet(HTML) 7 Page - SICK AG

  AR60 Datasheet HTML 1Page - SICK AG AR60 Datasheet HTML 2Page - SICK AG AR60 Datasheet HTML 3Page - SICK AG AR60 Datasheet HTML 4Page - SICK AG AR60 Datasheet HTML 5Page - SICK AG AR60 Datasheet HTML 6Page - SICK AG AR60 Datasheet HTML 7Page - SICK AG AR60 Datasheet HTML 8Page - SICK AG AR60 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
C40E-0904CB010 | C4000 Advanced
SAFETY LIGHT CURTAINS
Recommended accessories
Other models and accessories
www.sick.com/C4000_Advanced
Brief description
Type
Part no.
Alignment aids
Laser alignment aid for various sensors, laser class 2 (IEC 60825). Do not look into
the beam!, 19 mm x 67.3 mm x 66.9 mm
AR60
1015741
Adapter AR60 for housing cross-section 48 mm x 40 mm
AR60 adapter, 48x40
4032461
Adapter AR60 for housing cross-section 48 mm x 40 mm in PU3H device column
AR60 adapter,
48x40, PU3H
4056731
Optics cloths
Cloth for cleaning optical surfaces
Lens cloth
4003353
Mounting brackets and plates
4 pieces, Mounting kit 1, mounting bracket, rigid, L-shaped, including fixing screws
and washers
BEF-3WNGBAST4
7021352
Plug connectors and cables
Head A: female connector, M26, 12-pin, straight
Head B: Flying leads
Cable: PVC, unshielded, 5 m
Without EFI: Pin 9 and 10 not connected
DOL-0610G05M075KM1
2046888
Head A: female connector, M26, 12-pin, straight
Head B: Flying leads
Cable: PVC, unshielded, 10 m
Without EFI: Pin 9 and 10 not connected
DOL-0610G10M075KM1
2046889
Head A: female connector, M26, 12-pin, straight
Head B: Flying leads
Cable: Sensor/actuator cable, PVC, unshielded, 5 m
DOL-0612G05M075KM0
2022545
Head A: female connector, M26, 12-pin, straight
Head B: Flying leads
Cable: Sensor/actuator cable, PVC, unshielded, 10 m
DOL-0612G10M075KM0
2022547
Head A: female connector, M26, 12-pin, straight
Head B: Flying leads
Cable: Sensor/actuator cable, PVC, unshielded, 15 m
DOL-0612G15M075KM0
2022548
Head A: female connector, M26, 12-pin, straight
Head B: Flying leads
Cable: Sensor/actuator cable, PVC, unshielded, 20 m
DOL-0612G20M075KM0
2022549
Head A: male connector, M8, 4-pin, straight
Head B: male connector, USB-A, straight
Cable: PVC, unshielded, 2 m
DSL-8U04G02M025KM1
6034574
Head A: male connector, M8, 4-pin, straight
Head B: male connector, USB-A, straight
Cable: PVC, unshielded, 10 m
DSL-8U04G10M025KM1
6034575
Head A: female connector, M26, 12-pin, straight
Cable: unshielded
12 crimping contacts enclosed
DOS-0612G000GA3KM0
6020757
2024-03-01 06:41:22 | Product data sheet
Subject to change without notice
SAFETY LIGHT CURTAINS | SICK
7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com