Electronic Components Datasheet Search
  English  ▼

X  

EC3597DR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EC3597DR
Description  3D PS/2 MOUSE CONTROLLER WITH AUTO-REF
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EC3597DR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EC3597DR Datasheet HTML 1Page - List of Unclassifed Manufacturers EC3597DR Datasheet HTML 2Page - List of Unclassifed Manufacturers EC3597DR Datasheet HTML 3Page - List of Unclassifed Manufacturers EC3597DR Datasheet HTML 4Page - List of Unclassifed Manufacturers EC3597DR Datasheet HTML 5Page - List of Unclassifed Manufacturers EC3597DR Datasheet HTML 6Page - List of Unclassifed Manufacturers EC3597DR Datasheet HTML 7Page - List of Unclassifed Manufacturers EC3597DR Datasheet HTML 8Page - List of Unclassifed Manufacturers EC3597DR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
E-CMOS
EC3597 1.1
VERSION 1.1
PAGE 1/11
3D PS/2 MOUSE CONTROLLER WITH AUTO-REF.
FEATURES
. Auto-reference function for X-, Y-, Z-axis.
. 70 KHz RC oscillator
. 4 types of Z-axis encoders: button, optical 2:1, 4:1 & mechanical 2:1
ORDERING INFORMATION:
Encoder type 70 K Hz (RC)
2:1 Optical
EC3597AR
Button
EC3597BR
4:1 Optical
EC3597CR
2:1 Mechanical
EC3597DR
1. PIN CONFIGURATION
1
X1
2
X2
3
Y1
4
Y2
5
VDD
6
RIN
7
NC
8
16
Z2
15
Z1
14
CLK
13
DATA
12
GND
11
BM
10
BL
9
BR
RCOUT
EC3597


Similar Part No. - EC3597DR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC3592R ETC1-EC3592R Datasheet
137Kb / 11P
PS/2 Mouse Controller with Auto-Ref
EC3592RE ETC1-EC3592RE Datasheet
137Kb / 11P
PS/2 Mouse Controller with Auto-Ref
EC3592RS ETC1-EC3592RS Datasheet
137Kb / 11P
PS/2 Mouse Controller with Auto-Ref
More results

Similar Description - EC3597DR

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M398A HOLTEK-HT82M398A Datasheet
93Kb / 8P
WIN2000 3D PS/2 Mouse Controller
February 22, 2000
HT82M39A HOLTEK-HT82M39A Datasheet
105Kb / 10P
3D PS/2 Mouse Controller
August 5, 1999
logo
List of Unclassifed Man...
TP8472 ETC-TP8472 Datasheet
392Kb / 23P
PS/2 3D 3Key Mouse Controller
TP8482 ETC-TP8482 Datasheet
425Kb / 26P
PS/2 3D 5KEY MOUSE CONTROLLER
logo
Holtek Semiconductor In...
HT82M32A HOLTEK-HT82M32A Datasheet
168Kb / 11P
3/5-Key 3D PS/2 Optical Mouse Controller
January 24, 2006
logo
List of Unclassifed Man...
EC3592R ETC1-EC3592R Datasheet
137Kb / 11P
PS/2 Mouse Controller with Auto-Ref
logo
Holtek Semiconductor In...
HT82M39A HOLTEK-HT82M39A_05 Datasheet
112Kb / 8P
3-Key 3D PS/2 Mouse Controller
September 23, 2005
HT82M98A HOLTEK-HT82M98A_06 Datasheet
99Kb / 7P
3-Key 3D USBPS/2 Mouse Controller
October 31, 2006
HT82M398A HOLTEK-HT82M398A_06 Datasheet
108Kb / 7P
5-Key 3D WIN2000 PS/2 Mouse Controller
October 12, 2006
logo
List of Unclassifed Man...
EC3586 ETC2-EC3586 Datasheet
158Kb / 8P
EC3586 3D Serial Mouse Controller With Auto-Ref
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com