Electronic Components Datasheet Search
  English  ▼

X  

MPF0900AMBA0ES Datasheet(PDF) 50 Page - NXP Semiconductors

Part # MPF0900AMBA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA0ES Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button MPF0900AMBA0ES Datasheet HTML 46Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 47Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 48Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 49Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 50Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 51Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 52Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 53Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
If a switching regulator is programmed to turn off upon an OV or UV fault ant the SWx_FLT_REN = 1, the
switching regulator will be re-enabled 500 μs after the regulator output has finished its discharge cycle.
If an LDO regulator is programmed to turn off upon an OV or UV fault and the LDOx_FLT_REN = 1, the LDO
regulator will allow up to 1000 μs to discharge the output before trying to turn the LDO back on.
If an LDO or switching regulator is programmed to turn off upon an OV or UV fault and the _FLT_REN bit
is set to 0, the regulator will remain disabled and the MCU can turn it back on by toggling off and on the
corresponding enable/mode bits.
The _FLT_REN bits are defaulted to 1 at power-up, and the MCU is expected to configure the desired behavior
for each voltage regulator during the system configuration sequence during the booting stage.
12.6.2.2 Fault bypass control
The PF09 provides a set of fault bypass configuration bits to assign different levels of priority to each specific
fault for each voltage regulator and external voltage monitor.
The system LDOs and switching regulators are provided with an _IL_BYP bit to bypass the ILIM protection
mechanisms. By default, the _IL_BYP bits are set to 1 and the MCU is expected to set the desired configuration
during the system configuration sequence at power-up.
SWx_IL_BYP LDOx_IL_BYP
ILIM protection
0
Enabled
1
Bypassed
Table 47. ILIM protection bypass bit
The System LDOs and switching regulators are provided with an _OV_BYP bits to bypass the OV protection
mechanism on the respective block. By default the _OV_BYP bits are set to 0 and the MCU is expected to set
the desired configuration during the system configuration sequence at power-up.
SWx_OV_BYP LDOx_OV_BYP
OV protection
0
Enabled
1
Bypassed
Table 48. OV protection bypass bit
The System LDOs and switching regulators are provided with an _UV_BYP bits to bypass the UV protection
mechanism on the respective block. By default the _UV_BYP bits are set to 0 and the MCU is expected to set
the desired configuration during the system configuration sequence at power-up.
SWx_UV_BYP LDOx_UV_BYP
UV protection
0
Enabled
1
Bypassed
Table 49. UV protection bypass bit
The table below lists all the functional bits associated with enabling/disabling the voltage regulators when they
experience an OV/UV condition.
Regulator
bit to bypass a current limit bit to bypass an undervoltage
bit to bypass an overvoltage
SW1
SW1_IL_BYP
SW1_UV_BYP
SW1_OV_BYP
SW2
SW2_IL_BYP
SW2_UV_BYP
SW2_OV_BYP
Table 50. Bits to enable/disable regulators at UV/OV
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
50 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com