Electronic Components Datasheet Search
  English  ▼

X  

43513 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 43513
Description  12.30mm (.484") Pitch COMPODRE™ Wire-to-Wire, Wire-to-Board Pod, Plug and Receptacle
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

43513 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  43513 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MX01
F-187
F
FEATURES AND SPECIFICATIONS
12.30mm (.484") Pitch
COMPODRE™
Wire-to-Wire, Wire-to-Board
Pod, Plug and Receptacle
43510/43513
Mini-Fit, Sr.™ Plug and
Receptacle Pod
Features and Benefits
s
Fully customizable and expandable to meet your
application needs
s
One connector system to meet both your power and
signal needs
s
Offers connector consolidation and PCB real estate savings
by having power and signal in one connector
s
Easy to assemble or disassemble
s
Uses existing interfaces, so no requalification is
usually necessary
s
Pods and shrouds are gender interchangeable
Reference Information
Product Specification: PS-43510-001 and PS-42815-001
Packaging: Bag
UL File No.: E29179
CSA File No.: LR19980
Mates With: 43510 receptacle pod mates with
43513 plug pod, 43952 vertical header pod or
43953 right angle header pod
Use With: 43838 receptacle or 43839 plug shrouds
Designed In: Millimeters
Electrical
Voltage: 600V
Current: 50.0A max.*
Insulation Resistance: 1000 M
Ω min.
Mechanical
Contact Insertion Force: 7.0kg max.
Contact Retention to Housing: 10.0kg min.
Physical
Housing: Black polyester, UL 94V-0
Operating Temperature: -40 to +105˚C
* Depending on circuit size, wire gauge and PCB. Please refer to product specification.
CATALOG DRAWING (FOR REFERENCE ONLY)
43510 Receptacle Pod
43513 Plug Pod
ORDERING INFORMATION
Description
Order No.
1-Circuit Mini-Fit, Sr. Receptacle Pod
43510-0001
1-Circuit Mini-Fit, Sr. Plug Pod
43513-0001


Similar Part No. - 43513

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
4351 VCC-4351 Datasheet
79Kb / 1P
Panel Mount Lenses for T-1 (3mm) LEDs
logo
Heyco.
4351 HEYCO-4351 Datasheet
158Kb / 1P
HEYClean® Brass Pressure Equalization and Drain Plugs
4351 HEYCO-4351 Datasheet
152Kb / 1P
HEYClean® Brass Pressure Equalization and Drain Plugs
logo
Turck, Inc.
4351290 TURCK-4351290 Datasheet
418Kb / 3P
Inductive Sensor
11/07/2023
4351400 TURCK-4351400 Datasheet
419Kb / 3P
Inductive Sensor
11/07/2023
More results

Similar Description - 43513

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
51021 ETC2-51021 Datasheet
69Kb / 1P
1.25mm (.049) Pitch Wire-to-Wire and Wire-to-Board Receptacle
logo
Tyco Electronics
1-177648-8 MACOM-1-177648-8 Datasheet
3Mb / 22P
Wire-to-Board, Wire-to-Panel and Wire-to-Wire
logo
Molex Electronics Ltd.
51111-1000 MOLEX11-51111-1000 Datasheet
44Kb / 1P
2.50mm Pitch Wire-to-Wire and Wire-to-Board Receptacle Housing, with Retainer, 10
51111-1010 MOLEX11-51111-1010 Datasheet
43Kb / 1P
2.50mm Pitch Wire-to-Wire and Wire-to-Board Receptacle Housing, without Retainer,
51111-1110 MOLEX11-51111-1110 Datasheet
43Kb / 1P
2.50mm Pitch Wire-to-Wire and Wire-to-Board Receptacle Housing, without Retainer,
51111-1210 MOLEX11-51111-1210 Datasheet
43Kb / 1P
2.50mm Pitch Wire-to-Wire and Wire-to-Board Receptacle Housing, without Retainer,
51111-1310 MOLEX11-51111-1310 Datasheet
43Kb / 1P
2.50mm Pitch Wire-to-Wire and Wire-to-Board Receptacle Housing, without Retainer,
51111-1510 MOLEX11-51111-1510 Datasheet
43Kb / 1P
2.50mm Pitch Wire-to-Wire and Wire-to-Board Receptacle Housing, without Retainer,
51191-1200 MOLEX11-51191-1200 Datasheet
53Kb / 1P
2.50mm Pitch Wire-to-Wire and Wire-to-Board Receptacle Housing, with Guide Rails,
51216-0600 MOLEX11-51216-0600 Datasheet
44Kb / 1P
2.00mm Pitch Wire-to-Board and Wire-to-Wire Receptacle Housing, Positive Lock, 6
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com