Electronic Components Datasheet Search
  English  ▼

X  

LT1990 Datasheet(PDF) 11 Page - Analog Devices

Part # LT1990
Description  ±250V Input Range G = 1, 10, Micropower, Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1990 Datasheet(HTML) 11 Page - Analog Devices

Back Button LT1990 Datasheet HTML 7Page - Analog Devices LT1990 Datasheet HTML 8Page - Analog Devices LT1990 Datasheet HTML 9Page - Analog Devices LT1990 Datasheet HTML 10Page - Analog Devices LT1990 Datasheet HTML 11Page - Analog Devices LT1990 Datasheet HTML 12Page - Analog Devices LT1990 Datasheet HTML 13Page - Analog Devices LT1990 Datasheet HTML 14Page - Analog Devices LT1990 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT1990
11
1990fb
TYPICAL PERFOR A CE CHARACTERISTICS
Gain vs Frequency
–3dB Bandwidth vs Supply
Voltage, G = 1
–3dB Bandwidth vs Supply
Voltage, G = 10
Slew Rate vs Supply Voltage,
G = 1
Slew Rate vs Supply Voltage,
G = 10
Slew Rate vs Temperature
G = 1
Slew Rate vs Temperature
G = 10
Common Mode Rejection Ratio
vs Frequency
FREQUENCY (Hz)
50
40
30
20
10
0
–10
–20
–30
–40
–50
100
10k
1k
100k
1M
1990 G12
1990 G13
120
115
110
105
100
95
90
85
80
75
70
SUPPLY VOLTAGE (
±V)
0
16
1990 G14
4
8
12
14
2
6
10
SUPPLY VOLTAGE (
±V)
016
4
8
12
14
2
6
10
8
7
6
5
4
3
1.0
0.8
0.6
0.4
0.2
0
1990 G17
0.6
0.5
0.4
0.3
0.2
0.1
0
1990 G18
VS = 5V, 0V
TA = 25°C
TA = 25°C
TA = 125°C
TA = –55°C
TA = 25°C
TA = 125°C
TA = –55°C
G = 1
G = 10
TA = 25°C
TA = 25°C
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
125
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
125
VS = ±15V
RL = 10k
VS = ±15V
RL = 10k
–SR
+SR
–SR
+SR
FREQUENCY (Hz)
100
100
90
80
70
60
50
40
30
20
10
0
1k
10k
200k
100k
1990 G10
VS = 5V, 0V
TA = 25°C
G = 1 OR 10
REFERRED TO INPUT
+SR
–SR
SUPPLY VOLTAGE (
±V)
0
1.0
0.8
0.6
0.4
0.2
0
610
16
1990 G15
24
8
12
14
TA = 25°C
RL = 10k
+SR
–SR
SUPPLY VOLTAGE (
±V)
0
0.5
0.4
0.3
0.2
0.1
0
610
16
1990 G16
24
8
12
14
TA = 25°C
RL = 10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com