Electronic Components Datasheet Search
  English  ▼

X  

LT1996AIDD Datasheet(PDF) 14 Page - Analog Devices

Part # LT1996AIDD
Description  Precision, 100µA Gain Selectable Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1996AIDD Datasheet(HTML) 14 Page - Analog Devices

Back Button LT1996AIDD Datasheet HTML 10Page - Analog Devices LT1996AIDD Datasheet HTML 11Page - Analog Devices LT1996AIDD Datasheet HTML 12Page - Analog Devices LT1996AIDD Datasheet HTML 13Page - Analog Devices LT1996AIDD Datasheet HTML 14Page - Analog Devices LT1996AIDD Datasheet HTML 15Page - Analog Devices LT1996AIDD Datasheet HTML 16Page - Analog Devices LT1996AIDD Datasheet HTML 17Page - Analog Devices LT1996AIDD Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LT1996
14
1996f
Table 3. Configuring the M Pins for Simple Inverting Gains
M81, M27, M9 Connection
Gain
M81
M27
M9
–0.083
Output
Output
Drive
–0.110
Output
Float
Drive
–0.297
Output
Drive
Output
–0.321
Float
Output
Drive
–0.329
Output
Drive
Float
–0.439
Output
Drive
Drive
–2.19
Drive
Output
Output
–2.7
Float
Drive
Output
–2.89
Drive
Output
Float
–3.21
Drive
Output
Drive
–8.1
Drive
Float
Output
–9
Float
Float
Drive
–10.8
Drive
Drive
Output
–27
Float
Drive
Float
–36
Float
Drive
Drive
–81
Drive
Float
Float
–90
Drive
Float
Drive
–108
Drive
Drive
Float
–117
Drive
Drive
Drive
Inverting Configuration
The inverting amplifier, shown in Figure 8, is another
classical op amp configuration. The circuit is actually
identical to the noninverting amplifier of Figure 4, except
that VIN and GND have been swapped. The list of available
gains is shown in Table 3, and some of the circuits are
shown in Figure 9. Noise gain is 1+|Gain|, as is the usual
case for inverting amplifiers. Again, for the best DC perfor-
mance, match the source impedance seen by the op amp
inputs.
4pF
4pF
–
+
RF
RG
VIN
VIN
(DRIVE)
VOUT
VOUT
VOUT = GAIN • VIN
GAIN = – RF/RG
–
+
1996 F08
450k
450k
8
6
5
9
10
1
2
3
LT1996
CLASSICAL INVERTING OP AMP CONFIGURATION.
YOU PROVIDE THE RESISTORS.
CLASSICAL INVERTING OP AMP CONFIGURATION IMPLEMENTED
WITH LT1991. RF = 45k, RG = 5.55k, GAIN = –8.1.
GAIN IS ACHIEVED BY GROUNDING, FLOATING OR FEEDING BACK
THE AVAILABLE RESISTORS TO ARRIVE AT DESIRED RF AND RG.
WE PROVIDE YOU WITH <0.1% RESISTORS.
450k/81
450k/27
450k/9
450k/81
450k/27
450k/9
4pF
4pF
Figure 8. The LT1996 as a Classical Inverting Op Amp. Note the
Circuit Is Identical to the Noninverting Amplifier, Except that VIN
and Ground Have Been Swapped
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com