Electronic Components Datasheet Search
  English  ▼

X  

LT1996CMS Datasheet(PDF) 8 Page - Analog Devices

Part # LT1996CMS
Description  Precision, 100µA Gain Selectable Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1996CMS Datasheet(HTML) 8 Page - Analog Devices

Back Button LT1996CMS Datasheet HTML 4Page - Analog Devices LT1996CMS Datasheet HTML 5Page - Analog Devices LT1996CMS Datasheet HTML 6Page - Analog Devices LT1996CMS Datasheet HTML 7Page - Analog Devices LT1996CMS Datasheet HTML 8Page - Analog Devices LT1996CMS Datasheet HTML 9Page - Analog Devices LT1996CMS Datasheet HTML 10Page - Analog Devices LT1996CMS Datasheet HTML 11Page - Analog Devices LT1996CMS Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LT1996
8
1996f
Introduction
The LT1996 may be the last op amp you ever have to stock.
Because it provides you with several precision matched
resistors, you can easily configure it into several different
classical gain circuits without adding external compo-
nents. The several pages of simple circuits in this data
sheet demonstrate just how easy the LT1996 is to use. It
can be configured into difference amplifiers, as well as into
inverting and noninverting single ended amplifiers. The
fact that the resistors and op amp are provided together in
such a small package will often save you board space and
reduce complexity for easy probing.
The Op Amp
The op amp internal to the LT1996 is a precision device
with 15µV typical offset voltage and 3nA input bias cur-
rent. The input offset current is extremely low, so match-
ing the source resistance seen by the op amp inputs will
provide for the best output accuracy. The op amp inputs
are not rail-to-rail, but extend to within 1.2V of VCC and 1V
of VEE. For many configurations though, the chip inputs
will function rail-to-rail because of effective attenuation to
the +input. The output is truly rail-to-rail, getting to within
40mV of the supply rails. The gain bandwidth product of
the op amp is about 560kHz. In noise gains of 2 or more,
it is stable into capacitive loads up to 500pF. In noise gains
below 2, it is stable into capacitive loads up to 100pF.
The Resistors
The resistors internal to the LT1996 are very well matched
SiChrome based elements protected with barrier metal.
Although their absolute tolerance is fairly poor (±30%),
their matching is to within 0.05%. This allows the chip to
achieve a CMRR of 80dB, and gain errors within 0.05%.
The resistor values are (450k/9), (450k/27), (450k/81)
and 450k, connected to each of the inputs. The resistors
have power limitations of 1watt for the 450k and (450k/81)
resistors, 0.3watt for the (450k/27) resistors and 0.5watt
for the (450k/9) resistors; however, in practice, power
dissipation will be limited well below these values by the
BLOCK DIAGRA
LT1996
1996 BD
9
8
2
3
4
5
7
6
10
1
M9
M27
M81
P9
P27
P81
VCC
VEE
OUT
REF
450k/81
450k/27
450k/27
450k/9
450k/9
450k
4pF
450k
450k/81
4pF
+
–
OUT
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com