Electronic Components Datasheet Search
  English  ▼

X  

LT1996ACMS Datasheet(PDF) 7 Page - Analog Devices

Part # LT1996ACMS
Description  Precision, 100µA Gain Selectable Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1996ACMS Datasheet(HTML) 7 Page - Analog Devices

Back Button LT1996ACMS Datasheet HTML 3Page - Analog Devices LT1996ACMS Datasheet HTML 4Page - Analog Devices LT1996ACMS Datasheet HTML 5Page - Analog Devices LT1996ACMS Datasheet HTML 6Page - Analog Devices LT1996ACMS Datasheet HTML 7Page - Analog Devices LT1996ACMS Datasheet HTML 8Page - Analog Devices LT1996ACMS Datasheet HTML 9Page - Analog Devices LT1996ACMS Datasheet HTML 10Page - Analog Devices LT1996ACMS Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LT1996
7
1996f
PI FU CTIO S
P9 (Pin 1): Noninverting Gain-of-9 input. Connects a 50k
internal resistor to the op amp’s noninverting input.
P27 (Pin 2): Noninverting Gain-of-27 input. Connects a
(50k/3) internal resistor to the op amp’s noninverting input.
P81 (Pin 3): Noninverting Gain-of-81 input. Connects a
(50k/9) internal resistor to the op amp’s noninverting input.
VEE (Pin 4): Negative Power Supply. Can be either ground
(in single supply applications), or a negative voltage (in
split supply applications).
REF (Pin 5): Reference Input. Sets the output level when
difference between inputs is zero. Connects a 450k internal
resistor to the op amp’s noninverting input.
OUT (Pin 6): Output. VOUT = VREF + 9 • (VP1 – VM1) + 27 •
(VP3 – VM3) + 81 • (VP9 – VM9).
VCC (Pin 7): Positive Power Supply. Can be anything from
2.7V to 36V above the VEE voltage.
M81 (Pin 8): Inverting Gain-of-81 input. Connects a
(50k/9) internal resistor to the op amp’s inverting input.
M27 (Pin 9): Inverting Gain-of-27 input. Connects a
(50k/3) internal resistor to the op amp’s inverting input.
M9 (Pin 10): Inverting Gain-of-9 input. Connects a 50k
internal resistor to the op amp’s inverting input.
(Difference Amplifier Configuration)
Gain and Phase vs Frequency
Gain vs Frequency
Small Signal Transient Response,
Gain = 9
Small Signal Transient Response,
Gain = 27
0.01Hz to 1Hz Voltage Noise
TYPICAL PERFOR A CE CHARACTERISTICS (Difference Amplifier Configuration)
FREQUENCY (kHz)
1996 G16
VS = 5V, 0V
TA = 25°C
50
40
30
20
10
0
0.5
10
100
500
1
GAIN = 9
GAIN = 27
GAIN = 81
FREQUENCY (kHz)
1
10
100
400
1996
G17
0.1
VS = 5V, 0V
TA = 25°C
GAIN = 9
PHASE
(RIGHT AXIS)
GAIN
(LEFT AXIS)
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
–200
40
30
20
10
–10
0
VS = ±15V
TA = 25°C
MEASURED IN G =117
REFERRED TO OP AMP INPUTS
0
10
2030 405060 70 80 90 100
TIME (s)
1996 G21
50mV/DIV
10µs/DIV
1996 G18
50mV/DIV
20µs/DIV
1996 G19
50mV/DIV
50µs/DIV
1996 G20
Small Signal Transient Response,
Gain = 81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com