Electronic Components Datasheet Search
  English  ▼

X  

H40T65DC Datasheet(PDF) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # H40T65DC
Description  Trench Gate IGBT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

H40T65DC Datasheet(HTML) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  H40T65DC Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. H40T65DC Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. H40T65DC Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. H40T65DC Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd. H40T65DC Datasheet HTML 5Page - Guangdong Huixin Electronic Technology Co., Ltd. H40T65DC Datasheet HTML 6Page - Guangdong Huixin Electronic Technology Co., Ltd. H40T65DC Datasheet HTML 7Page - Guangdong Huixin Electronic Technology Co., Ltd. H40T65DC Datasheet HTML 8Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
+86-769-22857832
huixin@hx kj.hk
Rev.01
Page 2 of 8
Thermal Characteristics
Symbol
Parameter
Typ
Max
Unit
RθJC
Thermal Resistance Junction-Case for IGBT
0.5
--
℃
/ W
RθJC
Thermal Resistance Junction-Case for Diode
0.7
--
℃
/ W
RθJA
Thermal Resistance Junction-Ambient
40
--
℃
/ W
Electrical Characteristics of the IGBT ( TJ= 25℃ unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Static Characteristics
V(BR)CES
Collector-Emitter Breakdown Voltage
650
-
--
V
VGE=0V,ICE=250uA
ICES
Collector-Emitter Leakage Current
-
-
35
µA
VGE =0V, VCE=650V
IGES(F)
Gate to Emitter Leakage current
-
-
200
nA
VGE=+30V, VCE=0V
IGES(R)
Gate to Emitter Leakage current
-
-
-200
nA
VGE=-30V, VCE=0V
VCE(sat)
Collector-Emitter Saturation Voltage
-
1.55
1.95
V
IC=40A,VGE=15V
VGE(th)
Gate Threshold Voltage
4.7
5.5
6.2
V
IC=1mA,VCE=VGE
Dynamic Characteristics
Cies
Input Capacitance
-
2237
--
PF
VCE=25V,
VGE=0V,
f=1MHz
Coes
Output Capacitance
-
116
--
Cres
Reverse Transfer Capacitance
-
28
--



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com