Electronic Components Datasheet Search
  English  ▼

X  

DS8922 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8922
Description  RS-422 Dual Differential Line Driver and Receiver Pairs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8922 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS8922 Datasheet HTML 1Page - National Semiconductor (TI) DS8922 Datasheet HTML 2Page - National Semiconductor (TI) DS8922 Datasheet HTML 3Page - National Semiconductor (TI) DS8922 Datasheet HTML 4Page - National Semiconductor (TI) DS8922 Datasheet HTML 5Page - National Semiconductor (TI) DS8922 Datasheet HTML 6Page - National Semiconductor (TI) DS8922 Datasheet HTML 7Page - National Semiconductor (TI) DS8922 Datasheet HTML 8Page - National Semiconductor (TI) DS8922 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DS8922/DS8922A/DS8923A TRI-STATE®
RS-422 Dual Differential Line Driver and Receiver Pairs
General Description
The DS8922/22A and DS8923A are Dual Differential Line
Driver and Receiver pairs. These devices are designed spe-
cifically for applications meeting the ST506, ST412 and
ESDI Disk Drive Standards. In addition, the devices meet the
requirements of the EIA Standard RS-422.
These devices offer an input sensitivity of 200 mV over a
±7V common mode operating range. Hysteresis is incorpo-
rated (typically 70 mV) to improve noise margin for slowly
changing input waveforms. An input fail-safe circuit is pro-
vided such that if the receiver inputs are open the output
assumes the logical one state.
The DS8922A and DS8923A drivers are designed to provide
unipolar differential drive to twisted pair or parallel wire trans-
mission lines. Complementary outputs are logically ANDed
and provide an output skew of 0.5 ns (typ.) with propagation
delays of 12 ns.
Both devices feature TRI-STATE outputs. The DS8922/22A
have independent control functions common to a driver and
receiver pair. The DS8923A has separate driver and receiver
control functions.
Power up/down circuitry is featured which will TRI-STATE
the outputs and prevent erroneous glitches on the transmis-
sion lines during system power up or power down operation.
The DS8922/22A and DS8923A are designed to be compat-
ible with TTL and CMOS.
Features
n
12 ns typical propagation delay
n
Output skew — ±0.5 ns typical
n
Meets the requirements of EIA Standard RS-422
n
Complementary Driver Outputs
n
High differential or common-mode input voltage ranges
of ±7V
n ±
0.2V receiver sensitivity over the input voltage range
n
Receiver input fail-safe circuitry
n
Receiver input hysteresis — 70 mV typical
n
Glitch free power up/down
n
TRI-STATE outputs
Connection Diagrams
DS8922A Dual-In-Line
00851101
Order Number DS8922M, DS8922N,
DS8922AM or DS8922AN
See NS Package Number M16A or N16E
TRI-STATE® is a registered trademark of National Semiconductor Corp.
July 2004
© 2004 National Semiconductor Corporation
DS008511
www.national.com


Similar Part No. - DS8922

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8922 NSC-DS8922 Datasheet
486Kb / 14P
TRI-STATE RS-422 Dual Differential Line Driver and Receiver Pairs
logo
Texas Instruments
DS8922 TI1-DS8922 Datasheet
1Mb / 20P
TRI-STATE RS-422 Dual Differential Line Driver and Receiver Pairs
DS8922A TI1-DS8922A Datasheet
1Mb / 20P
TRI-STATE RS-422 Dual Differential Line Driver and Receiver Pairs
logo
National Semiconductor ...
DS8922AM NSC-DS8922AM Datasheet
486Kb / 14P
TRI-STATE RS-422 Dual Differential Line Driver and Receiver Pairs
logo
Texas Instruments
DS8922AM TI1-DS8922AM Datasheet
1Mb / 20P
TRI-STATE RS-422 Dual Differential Line Driver and Receiver Pairs
More results

Similar Description - DS8922

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8922 NSC-DS8922 Datasheet
486Kb / 14P
TRI-STATE RS-422 Dual Differential Line Driver and Receiver Pairs
logo
Texas Instruments
SN65LBC180 TI-SN65LBC180 Datasheet
217Kb / 15P
LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC179 TI-SN75LBC179 Datasheet
168Kb / 12P
LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179A TI-SN65LBC179A Datasheet
195Kb / 13P
LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65ALS180 TI-SN65ALS180 Datasheet
362Kb / 17P
DIFFERENTIAL DRIVER AND RECEIVER PAIRS
SN65LBC179DR TI-SN65LBC179DR Datasheet
488Kb / 19P
LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI1-SN65LBC179ADG4 Datasheet
446Kb / 18P
LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI-SN65LBC179ADG4 Datasheet
421Kb / 18P
LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
DS8922 TI1-DS8922_15 Datasheet
1Mb / 20P
TRI-STATE RS-422 Dual Differential Line Driver and Receiver Pairs
SN65LBC180A TI1-SN65LBC180A_15 Datasheet
537Kb / 21P
LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com