Electronic Components Datasheet Search
  English  ▼

X  

DS92001TMA Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS92001TMA
Description  3.3V B/LVDS-BLVDS Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS92001TMA Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DS92001TMA Datasheet HTML 3Page - National Semiconductor (TI) DS92001TMA Datasheet HTML 4Page - National Semiconductor (TI) DS92001TMA Datasheet HTML 5Page - National Semiconductor (TI) DS92001TMA Datasheet HTML 6Page - National Semiconductor (TI) DS92001TMA Datasheet HTML 7Page - National Semiconductor (TI) DS92001TMA Datasheet HTML 8Page - National Semiconductor (TI) DS92001TMA Datasheet HTML 9Page - National Semiconductor (TI) DS92001TMA Datasheet HTML 10Page - National Semiconductor (TI) DS92001TMA Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AC Test Circuits and Timing Diagrams (Continued)
DS92001 Pin Descriptions (SOIC and LLP)
Pin Name
Pin #
Input/Output
Description
GND
1
P
Ground
IN −
2
I
Inverting receiver B/LVDS input pin
IN+
3
I
Non-inverting receiver B/LVDS input pin
LOS
4
O
Loss of Signal output pin. LOS is asserted low while signal is invalid.
See Applications Information section.
V
CC
5
P
Power Supply, 3.3V ± 0.3V.
OUT+
6
O
Non-inverting driver BLVDS output pin
OUT -
7
O
Inverting driver BLVDS output pin
EN
8
I
Enable pin. When EN is LOW, the driver is disabled and the BLVDS
outputs are in TRI-STATE. When EN is HIGH, the driver is enabled.
LVCMOS/LVTTL levels.
GND
DAP
P
LLP Package Ground
20024742
FIGURE 9. LOS Output Waveforms for Propagation Delay, and Rise/Fall Times
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com