Electronic Components Datasheet Search
  English  ▼

X  

28F320C3 Datasheet(PDF) 49 Page - Intel Corporation

Part # 28F320C3
Description  Advanced Boot Block Flash Memory (C3)
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F320C3 Datasheet(HTML) 49 Page - Intel Corporation

Back Button 28F320C3 Datasheet HTML 45Page - Intel Corporation 28F320C3 Datasheet HTML 46Page - Intel Corporation 28F320C3 Datasheet HTML 47Page - Intel Corporation 28F320C3 Datasheet HTML 48Page - Intel Corporation 28F320C3 Datasheet HTML 49Page - Intel Corporation 28F320C3 Datasheet HTML 50Page - Intel Corporation 28F320C3 Datasheet HTML 51Page - Intel Corporation 28F320C3 Datasheet HTML 52Page - Intel Corporation 28F320C3 Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
Intel£ Advanced+ Boot Block Flash Memory (C3)
Datasheet
49
8.5
AC I/O Test Conditions
NOTE:
Input timing begins, and output timing ends, at VCCQ/2. Input rise and fall times (10% to 90%) < 5 ns.
Worst case speed conditions are when VCC =VCCMin.
NOTE:
See Table 17 for component values.
8.6
Device Capacitance
TA =25 °C, f= 1MHz
Figure 11. AC Input/Output Reference Waveform
V
CCQ
0V
V
CCQ/2
V
CCQ/2
Test Points
Input
Output
Figure 12. Transient Equivalent Testing Load Circuit
Device
Under Test
V
CCQ
C
L
R
2
R
1
Out
Table 23. Test Configuration Component Values for Worst Case Speed Conditions
Test Configuration
CL (pF)
R1 (kΩ)R2 (kΩ)
VCCQMin Standard Test
50
25
25
NOTE:
CL includes jig capacitance.
Symbol
Parameter§
Typ
Max
Unit
Condition
CIN
Input Capacitance
6
8
pF
VIN =0.0 V
COUT
Output Capacitance
8
12
pF
VOUT =0.0 V
§Sampled, not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com