Electronic Components Datasheet Search
  English  ▼

X  

28F640C3 Datasheet(PDF) 44 Page - Intel Corporation

Part # 28F640C3
Description  Advanced Boot Block Flash Memory (C3)
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F640C3 Datasheet(HTML) 44 Page - Intel Corporation

Back Button 28F640C3 Datasheet HTML 40Page - Intel Corporation 28F640C3 Datasheet HTML 41Page - Intel Corporation 28F640C3 Datasheet HTML 42Page - Intel Corporation 28F640C3 Datasheet HTML 43Page - Intel Corporation 28F640C3 Datasheet HTML 44Page - Intel Corporation 28F640C3 Datasheet HTML 45Page - Intel Corporation 28F640C3 Datasheet HTML 46Page - Intel Corporation 28F640C3 Datasheet HTML 47Page - Intel Corporation 28F640C3 Datasheet HTML 48Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
Intel£ Advanced+ Boot Block Flash Memory (C3)
44
Datasheet
Table 18. Write Operations—16 Mbit Density
#Sym
Parameter
Density
16 Mbit
Unit
Product
70ns
80ns
90ns
110 ns
VCC
3.0 V – 3.6 V
80
100
2.7V –3.6 V
70
80
90
110
Note
Min
Min
Min
Min
Min
Min
W1
tPHWL /
tPHEL
RP# High Recovery to WE# (CE#) Going
Low
4,5
150
150
150
150
150
150
ns
W2
tELWL /
tWLEL
CE# (WE#) Setup to WE# (CE#) Going Low
4,5
0
0
0
0
0
0
ns
W3
tWLWH /
tELEH
WE#(CE#) PulseWidth
1,4,5
45
50
50
60
70
70
ns
W4
tDVWH /
tDVEH
Data Setup to WE# (CE#) Going High
2,4,5
40
40
50
50
60
60
ns
W5
tAVWH /
tAVEH
Address Setup to WE# (CE#) Going High
2,4,5
50
50
50
60
70
70
ns
W6
tWHEH /
tEHWH
CE# (WE#) Hold Time from WE# (CE#)
High
4,5
0
0
0
0
0
0
ns
W7
tWHDX /
tEHDX
Data Hold Time from WE# (CE#) High
2,4,5
0
0
0
0
0
0
ns
W8
tWHAX /
tEHAX
Address Hold Time from WE# (CE#) High
2,4,5
0
0
0
0
0
0
ns
W9
tWHWL /
tEHEL
WE# (CE#) Pulse Width High
1,4,5
25
30
30
30
30
30
ns
W10
tVPWH /
tVPEH
VPP Setup to WE# (CE#) Going High
3,4,5
200
200
200
200
200
200
ns
W11
tQVVL
VPP Hold from Valid SRD
3,4
0
0
0
0
0
0
ns
W12
tBHWH /
tBHEH
WP# Setup to WE# (CE#) Going High
3,4
0
0
0
0
0
0
ns
W13
tQVBL
WP# Hold from Valid SRD
3,4
0
0
0
0
0
0
ns
W14
tWHGL
WE#HightoOE# GoingLow
3,4
30
30
30
30
30
30
ns
NOTES:
1. Write pulse width (tWP) is defined from CE# or WE# going low (whichever goes low last) to CE# or WE# going high
(whichever goes high first). Hence, tWP =tWLWH =tELEH =tWLEH =tELWH. Similarly, write pulse width high (tWPH) is defined
from CE# or WE# going high (whichever goes high first) to CE# or WE# going low (whichever goes low last). Hence,
tWPH =tWHWL =tEHEL =tWHEL =tEHWL.
2. Refer to Table 7, “Command Bus Operations” on page 24 for valid AIN or DIN.
3. Sampled, but not 100% tested.
4. See Figure 11, “AC Input/Output Reference Waveform” on page 49 for timing measurements and maximum allowable input
slew rate.
5. See Figure 9, “Write Operations Waveform” on page 47.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com