Electronic Components Datasheet Search
  English  ▼

X  

LM2587 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2587
Description  SIMPLE SWITCHER짰 5A Flyback Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2587 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2587 Datasheet HTML 1Page - National Semiconductor (TI) LM2587 Datasheet HTML 2Page - National Semiconductor (TI) LM2587 Datasheet HTML 3Page - National Semiconductor (TI) LM2587 Datasheet HTML 4Page - National Semiconductor (TI) LM2587 Datasheet HTML 5Page - National Semiconductor (TI) LM2587 Datasheet HTML 6Page - National Semiconductor (TI) LM2587 Datasheet HTML 7Page - National Semiconductor (TI) LM2587 Datasheet HTML 8Page - National Semiconductor (TI) LM2587 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
LM2587-ADJ
Electrical Characteristics (Continued)
Symbol
Parameters
Conditions
Typical
Min
Max
Units
∆V
REF
Reference Voltage
V
IN = 4V to 40V
1.5
mV
Line Regulation
G
M
Error Amp
I
COMP = −30 µA to +30 µA
3.200
1.800
6.000
mmho
Transconductance
V
COMP = 1.0V
A
VOL
Error Amp
V
COMP = 0.5V to 1.6V
670
400/200
V/V
Voltage Gain
R
COMP = 1.0 M
Ω (Note 6)
I
B
Error Amp
V
COMP = 1.0V
125
425/600
nA
Input Bias Current
All Output Voltage Versions
Electrical Characteristics (Note 5)
Specifications with standard type face are for T
J = 25˚C, and those in bold type face apply over full Operating Temperature
Range. Unless otherwise specified, V
IN =5V.
Symbol
Parameters
Conditions
Typical
Min
Max
Units
I
S
Input Supply Current
(Switch Off)
11
15.5/16.5
mA
(Note 8)
I
SWITCH = 3.0A
85
140/165
mA
V
UV
Input Supply
R
LOAD = 100
Ω
3.30
3.05
3.75
V
Undervoltage Lockout
f
O
Oscillator Frequency
Measured at Switch Pin
R
LOAD = 100
Ω
100
85/75
115/125
kHz
V
COMP = 1.0V
f
SC
Short-Circuit
Measured at Switch Pin
Frequency
R
LOAD = 100
Ω
25
kHz
V
FEEDBACK = 1.15V
V
EAO
Error Amplifier
Upper Limit
2.8
2.6/2.4
V
Output Swing
(Note 7)
Lower Limit
0.25
0.40/0.55
V
(Note 8)
I
EAO
Error Amp
(Note 9)
Output Current
165
110/70
260/320
µA
(Source or Sink)
I
SS
Soft Start Current
V
FEEDBACK = 0.92V
11.0
8.0/7.0
17.0/19.0
µA
V
COMP = 1.0V
D
Maximum Duty Cycle
R
LOAD = 100
Ω
98
93/90
%
(Note 7)
I
L
Switch Leakage
Switch Off
15
300/600
µA
Current
V
SWITCH = 60V
V
SUS
Switch Sustaining
dV/dT = 1.5V/ns
65
V
Voltage
V
SAT
Switch Saturation
I
SWITCH = 5.0A
0.7
1.1/1.4
V
Voltage
I
CL
NPN Switch
6.5
5.0
9.5
A
Current Limit
COMMON DEVICE PARAMETERS (Note 4)
θ
JA
Thermal Resistance
T Package, Junction to Ambient (Note 10)
65
θ
JA
T Package, Junction to Ambient (Note 11)
45
θ
JC
T Package, Junction to Case
2
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com