Electronic Components Datasheet Search
  English  ▼

X  

LM2588 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2588
Description  SIMPLE SWITCHER짰 5A Flyback Regulator with Shutdown
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2588 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM2588 Datasheet HTML 9Page - National Semiconductor (TI) LM2588 Datasheet HTML 10Page - National Semiconductor (TI) LM2588 Datasheet HTML 11Page - National Semiconductor (TI) LM2588 Datasheet HTML 12Page - National Semiconductor (TI) LM2588 Datasheet HTML 13Page - National Semiconductor (TI) LM2588 Datasheet HTML 14Page - National Semiconductor (TI) LM2588 Datasheet HTML 15Page - National Semiconductor (TI) LM2588 Datasheet HTML 16Page - National Semiconductor (TI) LM2588 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Typical Performance Characteristics (Continued)
Typical Flyback Regulator
Applications
Figure 7 through 12 show six typical flyback applications,
varying from single output to triple output. Each drawing
contains the part number(s) and manufacturer(s) for every
component except the transformer. For the transformer part
numbers and manufacturers’ names, see the table in Figure
13.
For
applications
with
different
output
voltages — requiring the LM2588-ADJ — or different output
configurations that do not match the standard configurations,
refer to the Switchers Made Simple™ software.
01242061
FIGURE 6. V
OUT Response to Load Current Step
01242025
FIGURE 7. Single-Output Flyback Regulator
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com