Electronic Components Datasheet Search
  English  ▼

X  

575113 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 575113
Description  Connecting cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

575113 Datasheet(HTML) 1 Page - Festo Corporation.

  575113 Datasheet HTML 1Page - Festo Corporation. 575113 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Connecting cable
NEBV-S1G44-K-2.5-N-LE44-S6
Part number: 575113
General operating condition
Data sheet
Feature
Value
Based on norm
DIN 47100
Cable designation
Without label holder
Contact durability
50
Product weight
455 g
Electrical connection 1, function
Field device end
Electrical connection 1, design
Rectangular
Electrical connection 1, connection type
Socket
Electrical connection 1, cable outlet
Straight
Electrical connection 1, connection technology
Sub-D
Electrical connection 1, number of pins/wires
44
Electrical connection 1, occupied pins/wires
44
Electrical connection 1, type of mounting
2x screw, 4-40 UNC
Electrical connection for input 1, connection pattern
00995646
Electrical connection 2, function
Control side
Electrical connection 2, connection type
Cable
Electrical connection 2, connection technology
Open end
Electrical connection 2, number of pins/wires
44
Electrical connection 2, occupied pins/wires
44
DC operating voltage range
0 V ... 30 V
Current rating at 40° C
0.86 A
Surge resistance
2.4 kV
Reverse polarity protection
yes
Cable length
2.5 m
Cable characteristic
Standard
Connector cable test conditions
Test conditions on request
Bending radius, fixed cable installation
≥42 mm
Bending radius, flexible cable installation
≥126 mm
Cable diameter
10.2 mm
Cable diameter tolerance
± 0.3 mm
Cable design
44 x 0.14 mm²
Nominal conductor cross section
0.14 mm²
Wire ends
Cut off bluntly
Degree of protection
IP40
Note on degree of protection
In mounted state
Ambient temperature
-35 °C ... 80 °C
Ambient temperature with flexible cable installation
-5 °C ... 80 °C
2/11/26 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 575113

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
575114 FESTO-575114 Datasheet
77Kb / 2P
Connecting cable
575115 FESTO-575115 Datasheet
72Kb / 2P
Connecting cable
More results

Similar Description - 575113

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
540328 FESTO-540328 Datasheet
89Kb / 2P
Connecting cable
4/20/22
540334 FESTO-540334 Datasheet
86Kb / 2P
Connecting cable
4/20/22
541363 FESTO-541363 Datasheet
87Kb / 2P
Connecting cable
7/18/22
541364 FESTO-541364 Datasheet
87Kb / 2P
Connecting cable
7/18/22
541370 FESTO-541370 Datasheet
90Kb / 2P
Connecting cable
7/18/22
567844 FESTO-567844 Datasheet
91Kb / 2P
Connecting cable
7/18/22
541346 FESTO-541346 Datasheet
85Kb / 2P
Connecting cable
7/19/22
541349 FESTO-541349 Datasheet
84Kb / 2P
Connecting cable
7/19/22
554035 FESTO-554035 Datasheet
93Kb / 2P
Connecting cable
7/19/22
569842 FESTO-569842 Datasheet
84Kb / 2P
Connecting cable
7/19/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com