Electronic Components Datasheet Search
  English  ▼

X  

TS921IN Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS921IN
Description  Rail-to-Rail High Output Current Single Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS921IN Datasheet(HTML) 2 Page - STMicroelectronics

  TS921IN Datasheet HTML 1Page - STMicroelectronics TS921IN Datasheet HTML 2Page - STMicroelectronics TS921IN Datasheet HTML 3Page - STMicroelectronics TS921IN Datasheet HTML 4Page - STMicroelectronics TS921IN Datasheet HTML 5Page - STMicroelectronics TS921IN Datasheet HTML 6Page - STMicroelectronics TS921IN Datasheet HTML 7Page - STMicroelectronics TS921IN Datasheet HTML 8Page - STMicroelectronics TS921IN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TS921
2/14
Order Codes
Part Number
Temperature
Range
Package
Packing
Marking
TS921IN
-40°C, +125°C
DIP8
Tube
TS921IN
TS921ID/IDT
SO-8
Tube or Tape & Reel
921I
TS921IPT
TSSOP8
(Thin Shrink Outline Package)
Tape & Reel
TS921IYD/IYDT
SO-8 (automotive grade level)
Tube or Tape & Reel
921IY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com