Electronic Components Datasheet Search
  English  ▼

X  

RF3133 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF3133
Description  QUAD-BAND GSM850/GSM/DCS/PCS POWER AMP MODULE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3133 Datasheet(HTML) 1 Page - RF Micro Devices

  RF3133 Datasheet HTML 1Page - RF Micro Devices RF3133 Datasheet HTML 2Page - RF Micro Devices RF3133 Datasheet HTML 3Page - RF Micro Devices RF3133 Datasheet HTML 4Page - RF Micro Devices RF3133 Datasheet HTML 5Page - RF Micro Devices RF3133 Datasheet HTML 6Page - RF Micro Devices RF3133 Datasheet HTML 7Page - RF Micro Devices RF3133 Datasheet HTML 8Page - RF Micro Devices RF3133 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
2-459
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
VCC OUT
DCS OUT
DCS IN
BAND SELECT
VREG
VRAMP
TX ENABLE
VBATT
GSM OUT
GSM IN
10
11
12
1
3
2
6
5
4
9
8
7
RF3133
QUAD-BAND GSM850/GSM/DCS/PCS
POWER AMP MODULE
• 3V Quad-Band GSM Handsets
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment
• GSM850, EGSM900, DCS/PCS Products
• GPRS Class 12 Compatible
The RF3133 is a high-power, high-efficiency power ampli-
fier module with integrated power control. The device is
self-contained with 50
Ω input and output terminals. The
power control function is also incorporated, eliminating
the need for directional couplers, detector diodes, power
control ASICs and other power control circuitry; this
allows the module to be driven directly from the DAC out-
put. The device is designed for use as the final RF ampli-
fier in GSM850, EGSM900, DCS and PCS handheld
digital cellular equipment and other applications in the
824MHz to 849MHz, 880MHz to 915MHz, 1710MHz to
1785MHz, and 1850MHz to 1910MHz bands. On-board
power control provides over 37dB of control range with an
analog voltage input; and, power down with a logic “low”
for standby operation.
• Complete Power Control Solution
• Single 2.9V to 5.5V Supply Voltage
• +35dBm GSM Output Power at 3.5V
• +33dBm DCS/PCS Output Power at 3.5V
• 55% GSM and 52% DCS/PCS
η
EFF
RF3133
Quad-Band GSM850/GSM/DCS/PCS Power Amp
Module
RF3133PCBA-41XFully Assembled Evaluation Board
0
Rev A6 050909
NOTES:
Shaded areas represent pin 1 location.
1
7.00
± 0.10
10.00
± 0.10
1
1.40
1.25
0.450
± 0.075
1
8.40 TYP
7.60 TYP
6.00
5.40 TYP
4.60 TYP
4.00
2.40 TYP
1.60 TYP
0.00
0.10 TYP
0.90 TYP
1.50
3.10 TYP
3.90 TYP
6.10 TYP
6.90 TYP
8.50
9.10 TYP
9.90 TYP
Package Style: Module
RoHS Compliant & Pb-Free Product


Similar Part No. - RF3133

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF3133 RFM-RF3133 Datasheet
191Kb / 16P
QUAD-BAND GSM850/GSM/DCS/PCS POWER AMP MODULE
RF3133PCBA RFM-RF3133PCBA Datasheet
191Kb / 16P
QUAD-BAND GSM850/GSM/DCS/PCS POWER AMP MODULE
More results

Similar Description - RF3133

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3146 RFMD-RF3146 Datasheet
317Kb / 18P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
logo
RF Monolithics, Inc
RF3133 RFM-RF3133 Datasheet
191Kb / 16P
QUAD-BAND GSM850/GSM/DCS/PCS POWER AMP MODULE
logo
RF Micro Devices
RF3146 RFMD-RF3146_06 Datasheet
268Kb / 18P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3145 RFMD-RF3145 Datasheet
142Kb / 18P
QUAD-BAND GSM/EDGE/GSM850/DCS/PCS POWER AMPLIFIER MODULE
RF3161 RFMD-RF3161 Datasheet
101Kb / 2P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF5146 RFMD-RF5146 Datasheet
1,012Kb / 18P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF5146 RFMD-RF5146_1 Datasheet
625Kb / 13P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3196 RFMD-RF3196 Datasheet
285Kb / 16P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3166 RFMD-RF3166_1 Datasheet
390Kb / 16P
QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3145 RFMD-RF3145_1 Datasheet
310Kb / 18P
QUAD-BAND GSM/EDGE/GSM850/DCS/PCS POWER AMPLIFIER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com