Electronic Components Datasheet Search
  English  ▼

X  

MS503 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MS503
Description  Schottky Rectifier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MS503 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MS503 Datasheet HTML 1Page - List of Unclassifed Manufacturers MS503 Datasheet HTML 2Page - List of Unclassifed Manufacturers MS503 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MS503
Schottky Rectifier Diode
Page 1
31/05/05 V1.0
Electrical Characteristics
Parameter
Symbol
Test Conditions
Value
Units
Average forward current
IF(AV)
TA = 123°C, square wave,
R
θJL = 11°C/W, L = 1/8”
5.0
Amps
TA = 113°C, square wave,
R
θJL = 14.7°C/W, L = 3/8”
Maximum surge current
IFSM
8.3ms, half sine, TJ = 150°C
300
Maximum peak forward voltage
VFM
IFM = 1.0A : TJ = 25°C*
0.40
Volts
IFM = 5.0A : TJ = 25°C*
0.49
Maximum peak reverse current
IRM
VRRM, TJ = 25°C
250
µA
Typical junction capacitance
CJ
VR = 5.0V, TJ = 25°C
430
pF
Thermal and Mechanical Characteristics:
Storage temperature range
TSTG
-
-40 to +150
°C
Operating junction temperature range
TJ
-
Maximum thermal resistance
R
θJL
L = 3/8" (Junction to lead)
14.7
°C/W
L = 1/8" (Junction to lead)
11.0
Weight
-
-
0.032
1
Ounce
Grams
*Pulse test: Pulse width 300
µ seconds, Duty Cycle 2%.
Features:
• Schottky barrier rectifier.
• Guard ring protection.
Minimum
Maximum
A
.188(4.78)
.260(6.50)
B
1.00(25.4)
-
C
.285(7.24)
.375(9.52)
D
.046(1.17)
.056(1.42)
Dimensions
Dimensions : Inches (Millimetres)


Similar Part No. - MS503

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MS503 MICROSEMI-MS503 Datasheet
94Kb / 2P
5 Amp Schottky Rectifier
logo
Zibo Seno Electronic En...
MS503 ZSELEC-MS503 Datasheet
137Kb / 2P
5.0A SCHOTTKY BARRIER DIODE
More results

Similar Description - MS503

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MBR0530 UTC-MBR0530 Datasheet
82Kb / 3P
SCHOTTKY RECTIFIER DIODE
MBR0540 UTC-MBR0540 Datasheet
83Kb / 3P
SCHOTTKY RECTIFIER DIODE
logo
Seme LAB
1N5819D2A SEME-LAB-1N5819D2A Datasheet
194Kb / 4P
SCHOTTKY RECTIFIER DIODE
logo
Infineon Technologies A...
BAS3020B INFINEON-BAS3020B Datasheet
131Kb / 7P
Schottky Rectifier Diode
2007-12-14
logo
Seme LAB
1N5819CSM4 SEME-LAB-1N5819CSM4_09 Datasheet
117Kb / 3P
SCHOTTKY RECTIFIER DIODE
logo
Shanghai Shunye Electro...
25SQ045 SHUNYE-25SQ045 Datasheet
395Kb / 2P
SCHOTTKY RECTIFIER DIODE
logo
TT Electronics.
1N5806D2 TTELEC-1N5806D2 Datasheet
461Kb / 4P
SCHOTTKY RECTIFIER DIODE
1N5819CSM4 TTELEC-1N5819CSM4 Datasheet
117Kb / 3P
SCHOTTKY RECTIFIER DIODE
1N5819D2 TTELEC-1N5819D2 Datasheet
386Kb / 4P
SCHOTTKY RECTIFIER DIODE
logo
Inchange Semiconductor ...
STPS160H100TV ISC-STPS160H100TV Datasheet
550Kb / 3P
Schottky Rectifier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com