Electronic Components Datasheet Search
  English  ▼

X  

L165V Datasheet(PDF) 5 Page - STMicroelectronics

Part # L165V
Description  3A POWER OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L165V Datasheet(HTML) 5 Page - STMicroelectronics

  L165V Datasheet HTML 1Page - STMicroelectronics L165V Datasheet HTML 2Page - STMicroelectronics L165V Datasheet HTML 3Page - STMicroelectronics L165V Datasheet HTML 4Page - STMicroelectronics L165V Datasheet HTML 5Page - STMicroelectronics L165V Datasheet HTML 6Page - STMicroelectronics L165V Datasheet HTML 7Page - STMicroelectronics L165V Datasheet HTML 8Page - STMicroelectronics L165V Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5/9
L165
Figure 9. Bidirectional DC motor control with TTL/CMOS/
µP compatible inputs.
Figure 10. Motor current control circuit with external power transistors (Imotor > 3.5A).
Must be VS2 ≥ VS1; E1, E2 = logic inputs;
VS1 = logic supply voltage
D1 to D4: VF ≤ 1.2 @ I = 4A
trr ≤ 500ns
Note : The inputvoltage level is compatible with L291 (5-BIT D/A converter).
The transfer function is:
I
M
V
i
-----
R4
Rx R 3
------------------
=



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com