Electronic Components Datasheet Search
  English  ▼

X  

AD4086BBCZ Datasheet(PDF) 31 Page - Analog Devices

Part # AD4086BBCZ
Description  14-Bit, 40 MSPS, Low Noise, Low Power SAR ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4086BBCZ Datasheet(HTML) 31 Page - Analog Devices

Back Button AD4086BBCZ Datasheet HTML 27Page - Analog Devices AD4086BBCZ Datasheet HTML 28Page - Analog Devices AD4086BBCZ Datasheet HTML 29Page - Analog Devices AD4086BBCZ Datasheet HTML 30Page - Analog Devices AD4086BBCZ Datasheet HTML 31Page - Analog Devices AD4086BBCZ Datasheet HTML 32Page - Analog Devices AD4086BBCZ Datasheet HTML 33Page - Analog Devices AD4086BBCZ Datasheet HTML 34Page - Analog Devices AD4086BBCZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 91 page
background image
Data Sheet
AD4086
DIGITAL INTERFACE
analog.com
Rev. 0 | 31 of 91
OVERVIEW
The AD4086 digital interface consists of a 4-wire SPI for device
configuration, four general-purpose input and output (GPIO) pins,
a conversion data access interface with selectable output format
(LVDS or SPI data interface), and a conversion start input (CNV+
and CNV−) that can be configured for LVDS or CMOS level signal-
ing.
ADC CONVERSION CONTROL
The ADC acquires a sample and initiates a conversion operation on
the rising edge of the convert start signal, applied at the CNV+ and
CNV− pins. There are two possible configurations for the electrical
signaling at the convert start input pins: CMOS or LVDS.
CMOS is the default mode on power-up and after reset. CMOS
requires that the CNV− pin be tied to the digital interface ground
(IOGND). In this mode, the convert signal must be a CMOS logic
signal referenced to IOGND and applied at CNV+, with logic levels
according to the parameters of the digital inputs (CNV, GPIOx,
DCS, and DCLK) in Table 1.
To switch to LVDS mode, the LVDS_CNV_EN bit of the ADC Data
Interface Configuration B register (see the ADC Data Interface Con-
figuration B Register section, Address 0x16) must be set to 1. In
this mode, an external 100Ω termination resistor must be installed
between the CNV+ and CNV− pins, as close to the AD4086 as
possible. In LVDS mode, the CNV+ and CNV− pins must be driven
differentially with an LVDS driver conforming to the levels specified
in the LVDS I/O (EIA-644) parameters in Table 1. Care must be
taken to closely match the CNV+ and CNV− differential signal pair
routing and to use controlled impedance to ensure signal integrity.
SPI REGISTER INTERFACE
The configuration register interface is an SPI that enables both
device configuration and system status monitoring. This interface
is configured for 4-wire, full-duplex operation. Dedicated interface
pins for the interface chip select (CS), serial clock (SCLK), and
serial data input (SDI) are intended for direct connection to the host
controller. By default, at power-up or after a software reset, the
configuration interface SDO function is enabled and assigned to the
GPIO0 pin.
The configuration interface timing convention implemented in this
design is consistent with SPI Mode 3, clock polarity (CPOL) =
1, clock phrase (CPHA) = 1. As such, the serial clock (SCLK) is
expected to idle high, and the state of the data pins, SDI and SDO,
are updated on the falling (leading) edge of the clock, such that
these pins can be sampled on the subsequent rising (trailing) edge.
See the Analog Dialogue article, Introduction to SPI Interface, for
more details regarding the SPI and SPI modes.
The memory access controller associated with this interface sup-
ports a number of user-programmable options accessible through
the interface configuration memory space (Address 0x00 to Ad-
dress 0x11). The available options for the AD4086 are listed and
described in Table 14.
Table 14. Configuration Memory Controller Options Summary
Interface Option
Description
Software Reset (SW_RESET,
SW_RESETX)
Resets the internal configuration memory to the default state (except for ADDR_ASCENSION bit). Data FIFO is unaffected. Only use this
reset method once the ADC is in an idle state, where conversions are not clocked, and any existing conversion is completed. See the
Software Reset section for details.
Address Ascension
(ADDR_ASCENSION)
Selecting this option changes the behavior of the memory controller address counter from decrementing (default) to incrementing. This
change affects multibyte transfers, for example, when accessing a multibyte register as a single entity or when streaming mode is enabled.
The selection impacts the starting address for multibyte register accesses in strict register access mode. See the Address Ascension
Selection section for details.
Short Instruction
(SHORT_INSTRUCTION)
Selecting this option reduces the length of the address field in the instruction word from 15 bits to 7 bits.
Single Instruction
(SINGLE_INST)
Selecting this option changes from the default streaming mode to single instruction mode, which requires the host controller to transmit an
instruction for each register access within a given SPI frame. The size of an entity is dependent on the strict register access setting and
whether or not the register is multibyte. This feature allows random access to the memory space during configuration. See the Instruction
Mode Selection section for details.
Strict Register Access
(STRICT_REGISTER_ACCESS)
Selecting this option instructs the memory controller to treat a multibyte register as a single entity, generating a fault when a partial access
is attempted. See the Strict Access Selection and Multibyte Registers section for details.
CRC Enable (CRC_ENABLE,
CRC_ENABLEB)
Selecting this option enables a cyclic redundancy check (CRC) to verify the integrity of data sent to and received from the host. See the
Configuration Cyclical Redundancy Check (CRC) section for details.
Status Data Transmission
(SEND_STATUS)
Selecting this options enables the transmission of status data through the SDO line during the instruction phase of the data frame. See
theStatus Data Transmission section for details.
Loop Count (LOOP_COUNT)
Sets the data byte count before looping to the start address. When streaming data, a nonzero value sets the number of data bytes written
before the address loops back to the start address. A maximum of 255 bytes can be written using this approach. A value of 0x00 disables
the loop back so that addressing wraps around at the upper and lower limits of the memory. After writing this register, the loop value applies
only to the following SPI instruction and auto clears upon the end of that instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com