Electronic Components Datasheet Search
  English  ▼

X  

ADGM3144BCCZ-R2 Datasheet(PDF) 26 Page - Analog Devices

Part # ADGM3144BCCZ-R2
Description  3mm × 3mm SP4T MEMS Switch, 0Hz/DC to 30GHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM3144BCCZ-R2 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADGM3144BCCZ-R2 Datasheet HTML 22Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 23Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 24Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 25Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 26Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 27Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 28Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 29Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
Data Sheet
ADGM3144
CRITICAL OPERATIONAL REQUIREMENTS
analog.com
Rev. 0 | 26 of 30
Figure 70. RF Hot Switching Setup
Figure 71. RF Hot Switching Probability Distribution on Log Normal (RF
Power = Continuous Wave, Terminated into 50 Ω, TA = 25°C, VDD = 3.3 V)
Figure 72. DC Hot Switching Setup
Figure 73. DC Hot Switching Probability Distribution on Log Normal (Termi-
nated into 50Ω, TA = 25°C, VDD = 3.3 V)
HANDLING PRECAUTIONS
ESD Precautions
All RFx and RFC pins of the ADGM3144 pass the following ESD
limits:
►
150V, Class 0B HBM, ANSI/ESDA/JEDEC JS-001-2010
►
1kV Class C3 FICDM ANSI/ESDA/JEDEC JS-002
All RFx and RFC1 pins are rated to 1kV FICDM, making the device
safe for automated handling and assembly process. Standard ESD
precautions should be taken during manufacturing.
150V HBM rating of ADGM3144 is susceptible to ESD surge due
to human body contact. ESD protection should be added if human
body contact is expected.
1 RFx is RF1, RF2, RF3, and RF4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com