Electronic Components Datasheet Search
  English  ▼

X  

ADPL31610 Datasheet(PDF) 2 Page - Analog Devices

Part # ADPL31610
Description  1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL31610 Datasheet(HTML) 2 Page - Analog Devices

  ADPL31610 Datasheet HTML 1Page - Analog Devices ADPL31610 Datasheet HTML 2Page - Analog Devices ADPL31610 Datasheet HTML 3Page - Analog Devices ADPL31610 Datasheet HTML 4Page - Analog Devices ADPL31610 Datasheet HTML 5Page - Analog Devices ADPL31610 Datasheet HTML 6Page - Analog Devices ADPL31610 Datasheet HTML 7Page - Analog Devices ADPL31610 Datasheet HTML 8Page - Analog Devices ADPL31610 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Data Sheet
ADPL31610
analog.com
Rev. 1
2 of 19
SPECIFICATIONS
Table 1. Electrical Characteristics
(Specifications are at TA = 25°C. VIN = 3V, VSHDN = VIN, unless otherwise noted. (2))
PARAMETER
CONDITIONS
ADPL31610A
ADPL31610B
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Minimum Operating
Voltage
2.45
2.6
2.45
2.6
V
Maximum Operating
Voltage
16
16
V
Feedback Voltage
-40°C ≤ TJ ≤ 85°C
-1.280
-1.255
-1.230
-1.280
-1.255
-1.230
V
NFB Pin Bias Current
VNFB = –1.255V
40°C ≤ TJ ≤ 85°C
5
10
10
20
µA
Quiescent Current
V
SHDN = 2.4V, Not
Switching
4.2
7.2
5.8
9.6
mA
Quiescent Current in
Shutdown
V
SHDN = 0V, V
IN = 3V
0.01
2
0.01
2
µA
Reference Line
Regulation
2.6V ≤ VIN ≤ 16V
0.012
0.06
0.012
0.06
%/V
Switching Frequency -40°C ≤ TJ ≤ 85°C
0.85
1.2
1.6
1.6
2.2
2.9
MHz
Maximum Duty Cycle -40°C ≤ TJ ≤ 85°C
84
90
75
82
%
Switch Current Limit
(3)
1
1.2
2
1
1.2
2.5
A
Switch VCESAT
ISW = 1A
400
675
400
675
mV
Switch Leakage
Current
VSW = 5V
0.01
1.2
0.01
1.2
µA
SHDN
Input
Voltage, High
2.4
2.4
V
SHDN
Input
Voltage, Low
0.5
0.5
V
SHDN
Pin Bias
Current
V
SHDN = 3V
16
34
34
70
µA
V
SHDN = 0V
0
0.1
0
0.1
µA
1
Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
2
Specifications over the –40°C to 85°C operating temperature range are assured by design, characterization
and correlation with statistical process controls. ADPL31610A/ADPL31610B are guaranteed over the –40°C to
85°C temperature range.
3
Current limit guaranteed by design and/or correlation to static test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com