Electronic Components Datasheet Search
  English  ▼

X  

ADRF5440 Datasheet(PDF) 2 Page - Analog Devices

Part # ADRF5440
Description  Flip Chip, Silicon SP4T Switch, 1GHz to 81GHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5440 Datasheet(HTML) 2 Page - Analog Devices

  ADRF5440 Datasheet HTML 1Page - Analog Devices ADRF5440 Datasheet HTML 2Page - Analog Devices ADRF5440 Datasheet HTML 3Page - Analog Devices ADRF5440 Datasheet HTML 4Page - Analog Devices ADRF5440 Datasheet HTML 5Page - Analog Devices ADRF5440 Datasheet HTML 6Page - Analog Devices ADRF5440 Datasheet HTML 7Page - Analog Devices ADRF5440 Datasheet HTML 8Page - Analog Devices ADRF5440 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Data Sheet
ADRF5440
TABLE OF CONTENTS
analog.com
Rev. A | 2 of 18
Features................................................................ 1
Applications .......................................................... 1
Functional Block Diagram......................................1
General Description...............................................1
Specifications........................................................ 3
Electrical Specifications......................................3
Single-Supply Operation.................................... 4
Absolute Maximum Ratings...................................5
Thermal Resistance........................................... 5
Power Derating Curves...................................... 5
Electrostatic Discharge (ESD) Ratings...............6
ESD Caution.......................................................6
Pin Configuration and Function Descriptions........ 7
Interface Schematics..........................................9
Typical Performance Characteristics................... 10
Insertion Loss, Return Loss, and Isolation....... 10
Input Power Compression and Third-Order
Intercept ........................................................ 12
Theory of Operation.............................................13
RF Input and Output.........................................14
Power Supply................................................... 14
Applications Information...................................... 15
Recommendations for PCB Design..................16
Die Assembly .................................................. 17
Outline Dimensions............................................. 18
Ordering Guide.................................................18
REVISION HISTORY
11/2025—Rev. 0 to Rev. A
Change to Features Section............................................................................................................................ 1
Changes to Applications Section..................................................................................................................... 1
Changes to General Description Section.........................................................................................................1
Changes to Table 6..........................................................................................................................................7
Change to Insertion Loss, Return Loss, and Isolation Section...................................................................... 10
Changes to Input Power Compression and Third-Order Intercept Section....................................................12
Changes to Recommendations for PCB Design Section, Figure 26, Figure 27 Caption, and Table 8 Title...16
Changes to Die Assembly Section.................................................................................................................17
Changes to Reflow Assembly with Solder Paste Section.............................................................................. 17
Changes to Reflow Assembly with Flux Dipping Section...............................................................................17
Change to Assembly Durability Section.........................................................................................................17
9/2025—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com