Electronic Components Datasheet Search
  English  ▼

X  

7R02 Datasheet(PDF) 1 Page - Multicomp Pro

Part # 7R02
Description  Bezel - Black
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

7R02 Datasheet(HTML) 1 Page - Multicomp Pro

  7R02 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
31/07/20
Bezel - Black
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Part Number Table
Description
Part Number
Bezel, Black
7R02
Feature:
• Separate bezels for increased versatility
Specifications:
For Use With
: Subminiature Panel Mount
Switches
Colour
: Black
External Depth
: 19.5mm
External Length / Height
: 1.96mm
External Width
: 15.66mm
Panel Cut-out length
: 12.1mm
Dimensions : Millimetres
Subminiature, Snap-In Switch Components Panel Mounting
Type
Colour Panel Cut-Out
Bezel
Black
12.1 × 12.1
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.


Similar Part No. - 7R02

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
7R0 AITSEMI-7R0 Datasheet
718Kb / 4P
WIRE WOUND SMD INDUCTOR
logo
Illinois Capacitor, Inc...
7R0BCR050D ILLINOISCAPACITOR-7R0BCR050D Datasheet
28Kb / 2P
85째C Temperature Stable Ceramic Disc Capacitors
More results

Similar Description - 7R02

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1921X00X CML-1921X00X Datasheet
342Kb / 1P
LED Indicator 14mm Standard Bezel
logo
Molex Electronics Ltd.
86004-3078 MOLEX-86004-3078 Datasheet
165Kb / 4P
Bezel Adapter System
106004 MOLEX10-106004 Datasheet
175Kb / 1P
Bezel Adapters
logo
Axiomtek Co., Ltd.
GOT3157W-832-PCT AXIOMTEK-GOT3157W-832-PCT Datasheet
481Kb / 2P
IP65 front bezel
logo
Grayhill, Inc
30-001-A-01 GRAYHILL-30-001-A-01 Datasheet
358Kb / 5P
Sleek Black Matte Bezel Convenient Snap-In Front Mount
logo
List of Unclassifed Man...
EA017-1U ETC2-EA017-1U Datasheet
166Kb / 7P
BEZEL FOR DOTMATRIX MODULES
logo
AAEON Technology
ACD-110D AAEON-ACD-110D Datasheet
189Kb / 2P
ip65 aliminum front bezel
logo
Axiomtek Co., Ltd.
GOT3187W-834-PCT AXIOMTEK-GOT3187W-834-PCT_16 Datasheet
508Kb / 2P
IP65 aluminum front bezel
logo
AAEON Technology
AHP-1125HTT-A1-1010 AAEON-AHP-1125HTT-A1-1010 Datasheet
256Kb / 2P
IP65 Plastic Front Bezel
OMNI-3195HTT-BT-A1-1010 AAEON-OMNI-3195HTT-BT-A1-1010 Datasheet
200Kb / 2P
IP65 Compliant Front Bezel
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com