Electronic Components Datasheet Search
  English  ▼

X  

RG402 Datasheet(PDF) 1 Page - Multicomp Pro

Part # RG402
Description  Coax Cable RG402
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

RG402 Datasheet(HTML) 1 Page - Multicomp Pro

  RG402 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.2
15/02/23
Coax Cable
RG402
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Electrical Characteristics
Capacitance (pF/m)
: 95.1
Impedance (Ω)
: 50 ±1
Velocity of propagation (%)
: 69.5
Inner conductor DCR
: 67.6
Max. operating frequency (GHz)
: 20
Max. operating voltage (RMS)
: 1,900
Min. inside bend radius (mm)
: 12.5
Min. corona extinction voltage (Vrms)
: 1,900
Min. voltage withstand (Vrms)
: 5,000
Operating temperature range
: -55°C to +125°C
Attenuation and Average Power (at 20 °C and Sea Level)
Frequency
(GHz)
Attenuation
Average Power
(Watts CW)
(dB/ft)
(dB/meter)
0.5
0.08
0.26
600.5
1
0.11
0.37
417.5
5
0.28
0.91
174.4
10
0.42
1.36
117.5
20
0.64
2.09
77.9
Part Number Table
Description
Part Number
Coax Cable, Semi Rigid, RG402, 1m
RG402
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Construction
Item
Material
Diameter (Inch / mm)
Inner Conductor
Silver Plated Copper
0.0362 ±0.0007
0.92 ±0.02
Dielectric
PTFE
0.1175 ±0.001
2.98 ±0.03
Outer Conductor
Copper Tube
0.141 ±0.001
3.58 ±0.03


Similar Part No. - RG402

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
RG402 PASTERNACK-RG402 Datasheet
1Mb / 3P
RG402 Coax Cable with Copper Outer Conductor
RG402 PASTERNACK-RG402 Datasheet
363Kb / 3P
RG402 Coax Cable with Copper Outer Conductor
RG402-U PASTERNACK-RG402-U Datasheet
271Kb / 3P
RG402 Coax Cable with Copper Outer Conductor
RG402-U-STRAIGHT PASTERNACK-RG402-U-STRAIGHT Datasheet
1Mb / 3P
RG402 Coax Cable with Copper Outer Conductor
RG402U PASTERNACK-RG402U Datasheet
363Kb / 3P
RG402 Coax Cable with Copper Outer Conductor
More results

Similar Description - RG402

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3931 PASTERNACK-PE3931 Datasheet
424Kb / 3P
SMA Female to SMA Female Cable Using RG402 Coax
PE-SR402TN PASTERNACK-PE-SR402TN Datasheet
269Kb / 3P
RG402 Coax Cable with Tinned Copper Outer Conductor
PE3C1015 PASTERNACK-PE3C1015 Datasheet
358Kb / 4P
SMA Male to SMA Male Cable Using Tinned RG402 Coax
PE3C1015-72 PASTERNACK-PE3C1015-72 Datasheet
356Kb / 4P
SMA Male to SMA Male Cable 72 InchLength Using Tinned RG402 Coax
PE3C2892 PASTERNACK-PE3C2892 Datasheet
357Kb / 4P
SMA Male to SMA Female Bulkhead Cable Using RG402 Coax
PE3C2892LF PASTERNACK-PE3C2892LF Datasheet
357Kb / 4P
SMA Male to SMA Female Bulkhead Cable Using RG402 Coax, RoHS
PE-SR402TN-STRAIGHT PASTERNACK-PE-SR402TN-STRAIGHT Datasheet
373Kb / 3P
RG402 Tinned Coax Cable with Tinned Copper Outer Conductor
RG402-U PASTERNACK-RG402-U Datasheet
271Kb / 3P
RG402 Coax Cable with Copper Outer Conductor
RG402-U-STRAIGHT PASTERNACK-RG402-U-STRAIGHT Datasheet
1Mb / 3P
RG402 Coax Cable with Copper Outer Conductor
RG402 PASTERNACK-RG402 Datasheet
363Kb / 3P
RG402 Coax Cable with Copper Outer Conductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com