Electronic Components Datasheet Search
  English  ▼

X  

ISL97644IRZ Datasheet(PDF) 13 Page - Intersil Corporation

Part # ISL97644IRZ
Description  Boost LDO VON Slice VCOM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97644IRZ Datasheet(HTML) 13 Page - Intersil Corporation

Back Button ISL97644IRZ Datasheet HTML 7Page - Intersil Corporation ISL97644IRZ Datasheet HTML 8Page - Intersil Corporation ISL97644IRZ Datasheet HTML 9Page - Intersil Corporation ISL97644IRZ Datasheet HTML 10Page - Intersil Corporation ISL97644IRZ Datasheet HTML 11Page - Intersil Corporation ISL97644IRZ Datasheet HTML 12Page - Intersil Corporation ISL97644IRZ Datasheet HTML 13Page - Intersil Corporation ISL97644IRZ Datasheet HTML 14Page - Intersil Corporation ISL97644IRZ Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
FN9228.1
December 14, 2007
Low to high transition is determined primarily by the switch
resistance and the external capacitive load. High to low
transition is more complex. Take the case where the block is
already enabled (VDPM is H). When VFLK is H, pin CE is
grounded. On the falling edge of VFLK, a current is passed
into pin CE, to charge an external capacitor to 1.2V. This
creates a delay, equal to CE*4200. At this point, the output
begins to pull down from VGH to VDD1. The slew current is
equal to 300/(RE+5000)*Load Capacitance.
Start-Up Sequence
Figure 18 shows a detailed start up sequence waveform.
When VIN exceeds 2.5V and ENABLE reaches the VIH
threshold value, Boost converter and LDO start up, and gate
pulse modulator circuit output holds until VDPM goes to
high. Note that there is a DC path in the boost converter from
the input to the output through the inductor and diode, hence
the input voltage will be seen at output with a forward voltage
drop of diode before the part is enabled. If this voltage is not
desired, the following circuit can be inserted between input
and inductor to disconnect the DC path when the part is
disabled.
VCOM Amplifier
The VCOM amplifier is designed to control the voltage on the
back plate of an LCD display. This plate is capacitively
coupled to the pixel drive voltage which alternately cycles
positive and negative at the line rate for the display. Thus the
amplifier must be capable of sourcing and sinking capacitive
pulses of current, which can occasionally be quite large (a
few 100mA for typical applications).
The ISL97644 VCOM amplifier's output current is limited to
400mA. This limit level, which is roughly the same for
sourcing and sinking, is included to maintain reliable
operation of the part. It does not necessarily prevent a large
temperature rise if the current is maintained. (In this case the
whole chip may be shut down by the thermal trip to protect
functionality.) If the display occasionally demands current
pulses higher than this limit, the reservoir capacitor will
provide the excess and the amplifier will top the reservoir
capacitor back up once the pulse has stopped. This will
happen on the µs time scale in practical systems and for
pulses 2 or 3 times the current limit, the VCOM voltage will
have settled again before the next line is processed.
Fault Protection
ISL97644 provides the overall fault protections including
over current protection and over-temperature protection.
An internal temperature sensor continuously monitors the
die temperature. In the event that die temperature exceeds
the thermal trip point, the device will shut down and disable
itself. The upper and lower trip points are typically set to
+140°C and +100°C respectively.
FIGURE 17. GATE PULSE MODULATOR TIMING DIAGRAM
DELAY TIME
CONTROLLED BY CE
SLOPE CONTROLLED
BY RE AND LOAD
CAPACITANCE
VGH
VDD_1
VDPM
VFLK
VGH_M
0
0
0
FIGURE 18. START-UP SEQUENCE
VIN
VDPM
AVDD
0
0
0
ENABLE
0
LDO OUTPUT
VGH_M
VIN THRESHOLD
FIGURE 19. CIRCUIT TO DISCONNECT THE DC PATH OF
BOOST CONVERTER
INPUT
ENABLE
TO INDUCTOR
ISL97644



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com