Electronic Components Datasheet Search
  English  ▼

X  

42HF100 Datasheet(PDF) 5 Page - International Rectifier

Part # 42HF100
Description  STANDARD RECOVERY DIODES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

42HF100 Datasheet(HTML) 5 Page - International Rectifier

  42HF100 Datasheet HTML 1Page - International Rectifier 42HF100 Datasheet HTML 2Page - International Rectifier 42HF100 Datasheet HTML 3Page - International Rectifier 42HF100 Datasheet HTML 4Page - International Rectifier 42HF100 Datasheet HTML 5Page - International Rectifier 42HF100 Datasheet HTML 6Page - International Rectifier 42HF100 Datasheet HTML 7Page - International Rectifier 42HF100 Datasheet HTML 8Page - International Rectifier 42HF100 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
40HF(R) Series
5
Bulletin I20201 rev. C 03/04
www.irf.com
Fig. 5 - Forward Power Loss Characteristics
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Average Forward Current (A)
Average Forward Current (A)
Average Forward Current (A)
Average Forward Current (A)
130
140
150
160
170
180
190
0
5
10 15 20 25 30 35 40 45
30˚
60˚
90˚
120˚
180˚
Conduction Angle
40HF(R) Series (100V to 1200V)
100
110
120
130
140
150
160
0
5
10 15 20 25 30 35 40 45
30˚
60˚
90˚
120˚
180˚
Conduction Angle
40HF(R) Series (1400V, 1600V)
120
130
140
150
160
170
180
190
0
10
20304050
6070
DC
30˚
60˚
90˚
120˚
180˚
Conduction Period
40HF(R) Series (100V to 1200V)
80
90
100
110
120
130
140
150
160
0
10
20304050
6070
DC
30˚
60˚
90˚
120˚
180˚
Conduction Period
40HF(R) Series (1400V, 1600V)
Average Forward Current (A)
Maximum Allowable Ambient Temperature (°C)
0
40
80
120
160
200
10 K/W
3 K/W
5 K/W
7 K/W
0
10
20
30
40
50
60
0
5
10
15
20
25
30
35
40
RMS Limit
Conduction Angle
180˚
120˚
90˚
60˚
30˚
40HF(R) Series
(100V to 1200V)
Tj = 190˚C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com