Electronic Components Datasheet Search
  English  ▼

X  

ESD441 Datasheet(PDF) 6 Page - Texas Instruments

Part # ESD441
Description  ESD441 1-Channel ±30kV Unidirectional ESD Diode in an 0201 and 0402 Package
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ESD441 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ESD441 Datasheet HTML 2Page - Texas Instruments ESD441 Datasheet HTML 3Page - Texas Instruments ESD441 Datasheet HTML 4Page - Texas Instruments ESD441 Datasheet HTML 5Page - Texas Instruments ESD441 Datasheet HTML 6Page - Texas Instruments ESD441 Datasheet HTML 7Page - Texas Instruments ESD441 Datasheet HTML 8Page - Texas Instruments ESD441 Datasheet HTML 9Page - Texas Instruments ESD441 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
5.6 Electrical Characteristics
At TA=25
℃ (unless otherwise noted) (1)
PARAMETER
PACKAGE
TEST CONDITION
MIN
TYP
MAX UNIT
VRWM
Reverse stand-
off voltage
DPL & DPY
package
IIO <100nA, across operating temperature range
-5.5
5.5
V
ILEAK
Reverse
leakage current
VIO = 5.5V, IO to GND or GND to IO
1
50
nA
VBR
Break-down
voltage
IIO = 1mA, IO to GND
6
7
8
V
VCLAMP
Clamping
voltage with
TLP
DPL Package
IPP = 1A, TLP, IO to GND
6.3
V
IPP = 5A, TLP, IO to GND
6.5
IPP = 16A, TLP, IO to GND
7.6
IPP =16A, TLP, GND to IO
3.8
Clamping
voltage with
surge strike (3)
IPP = 6A, tp = 8/20µs , IO to GND
7.6
RDYN
Dynamic
resistance (2)
DPL Package
IO to GND
0.1
Ω
GND to IO
0.16
VCLAMP
Clamping
voltage with
TLP
DPY Package
IPP = 1A, TLP, IO to GND
7.1
V
IPP = 5A, TLP, IO to GND
7.3
IPP = 16A, TLP, IO to GND
8.2
IPP =16A, TLP, GND to IO
3.8
Clamping
voltage with
surge strike (3)
IPP = 6A, tp = 8/20µs , IO to GND
8.6
RDYN
Dynamic
resistance (2)
DPY Package
IO to GND
0.16
Ω
GND to IO
0.16
CL
Line
capacitance
DPL & DPY
Package
VIO = 0V; ƒ = 1MHz, Vpp = 30mV, IO to GND or IO to
GND
1
pF
(1)
Typical parameters are measured at 25
℃
(2)
Extraction of RDYN using least squares fit of TLP characteristics between I = 10A and I = 20A
(3)
Nonrepetitive current pulse 8 to 20µs exponentially decaying waveform according to IEC 61000-4-5
ESD441
SLVSH26B – APRIL 2023 – REVISED DECEMBER 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ESD441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com