Electronic Components Datasheet Search
  English  ▼

X  

SSD1805 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # SSD1805
Description  132 x 68 STN LCD Segment / Common Monochrome Driver with Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1805 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button SSD1805 Datasheet HTML 41Page - List of Unclassifed Manufacturers SSD1805 Datasheet HTML 42Page - List of Unclassifed Manufacturers SSD1805 Datasheet HTML 43Page - List of Unclassifed Manufacturers SSD1805 Datasheet HTML 44Page - List of Unclassifed Manufacturers SSD1805 Datasheet HTML 45Page - List of Unclassifed Manufacturers SSD1805 Datasheet HTML 46Page - List of Unclassifed Manufacturers SSD1805 Datasheet HTML 47Page - List of Unclassifed Manufacturers SSD1805 Datasheet HTML 48Page - List of Unclassifed Manufacturers SSD1805 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
SSD1805 Series
Rev 1.1
P 45/52
Jun 2004
Solomon Systech
Table 21 - 4-wires Serial Interface Timing Characteristics
(TA = -35 to 85
°C, VDD = VCI = VDDIO = 1.8V to 3.6V)
Symbol
Parameter
Min
Typ
Max
Unit
tcycle
Clock Cycle Time
58.8
-
-
ns
tAS
Address Setup Time
10
-
-
ns
tAH
Address Hold Time
5
-
-
ns
tDSW
Write Data Setup Time
30
-
-
ns
tDHW
Write Data Hold Time
30
-
-
ns
TCLKL
Clock Low Time
29.4
-
-
ns
TCLKH
Clock High Time
29.4
-
-
ns
tCSS
Chip Select Setup Time (for D7 input)
30
-
-
-
-
ns
tCSH
Chip Select Hold Time (for D0 input)
29.4
-
-
-
-
ns
tR
Rise Time
-
-
10
ns
tF
Fall Time
-
-
10
ns
Figure 16 - 4-wires Serial Interface Timing Characteristics (P/S = L, C68/80 = L)
tAH
tAS
C
/
D
Valid Data
tDHW
tCLKL
tDSW
tCLKH
tcycle
tCSS
tCSH
tF
tR
SDA(D7)
CS
SCK(D6)
D7
SDA(D7)
CS
SCK(D6)
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com