Electronic Components Datasheet Search
  English  ▼

X  

L7852CV Datasheet(PDF) 26 Page - STMicroelectronics

Part # L7852CV
Description  POSITIVE VOLTAGE REGULATORS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7852CV Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L7852CV Datasheet HTML 22Page - STMicroelectronics L7852CV Datasheet HTML 23Page - STMicroelectronics L7852CV Datasheet HTML 24Page - STMicroelectronics L7852CV Datasheet HTML 25Page - STMicroelectronics L7852CV Datasheet HTML 26Page - STMicroelectronics L7852CV Datasheet HTML 27Page - STMicroelectronics L7852CV Datasheet HTML 28Page - STMicroelectronics L7852CV Datasheet HTML 29Page - STMicroelectronics L7852CV Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
L7800 SERIES
26/34
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.30
4.70
0.169
0.185
b
0.70
0.90
0.028
0.035
b1
1.42
1.62
0.056
0.064
c
0.45
0.60
0.018
0.024
D
15.70
0.618
E
9.80
10.20
0.386
0.402
e
2.54
0.100
e1
5.08
0.200
F
1.25
1.39
0.049
0.055
H1
6.5
0.256
J1
2.20
2.60
0.087
0.202
L
12.88
13.28
0.507
0.523
L1
3
0.118
L20
15.70
16.1
0.618
0.634
L30
28.9
1.138
φP
3.50
3.70
0.138
0.146
Q
2.70
2.90
0.106
0.114
TO-220 (C TYPE) MECHANICAL DATA
0015988/N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com