Electronic Components Datasheet Search
  English  ▼

X  

S93WD462 Datasheet(PDF) 9 Page - Summit Microelectronics, Inc.

Part # S93WD462
Description  Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S93WD462 Datasheet(HTML) 9 Page - Summit Microelectronics, Inc.

Back Button S93WD462 Datasheet HTML 5Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 6Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 7Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 8Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 9Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 10Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 11Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 12Page - Summit Microelectronics, Inc. S93WD462 Datasheet HTML 13Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
S93WD462/S93WD463
2029-01 4/14/98
Figure 8. RESET Timing Diagram
RESET CIRCUIT AC and DC ELECTRICAL CHARACTERISTICS
2.7
5 Volt-A
5 Volt-B
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Unit
VTRIP
Reset Trip Point
2.55
2.7
4.25
4.5
4.50
4.75
V
tPURST
Power-Up Reset Timeout
130
270
130
270
130
270
ms
tRPD
VTRIP to RESET Output Delay
5
5
5
µs
VRVALID
RESET Output Valid
1
1
1
V
tGLITCH
Glitch Reject Pulse Width
30
30
30
ns
VOLRS
RESET Output Low Voltage IOL=1mA
0.4
0.4
0.4
V
VOHRS
RESET Output High IOH
VCC-.75
VCC-.75
VCC-.75
V
2029 PGM T1.0
VCC
VRVALID
VTRIP
tPURST
RESET
RESET
2029 ILL 9.0
tGLITCH
tRPD
tPURST
tRPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com