Electronic Components Datasheet Search
  English  ▼

X  

S93WD463SAT Datasheet(PDF) 13 Page - Summit Microelectronics, Inc.

Part # S93WD463SAT
Description  Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S93WD463SAT Datasheet(HTML) 13 Page - Summit Microelectronics, Inc.

Back Button S93WD463SAT Datasheet HTML 6Page - Summit Microelectronics, Inc. S93WD463SAT Datasheet HTML 7Page - Summit Microelectronics, Inc. S93WD463SAT Datasheet HTML 8Page - Summit Microelectronics, Inc. S93WD463SAT Datasheet HTML 9Page - Summit Microelectronics, Inc. S93WD463SAT Datasheet HTML 10Page - Summit Microelectronics, Inc. S93WD463SAT Datasheet HTML 11Page - Summit Microelectronics, Inc. S93WD463SAT Datasheet HTML 12Page - Summit Microelectronics, Inc. S93WD463SAT Datasheet HTML 13Page - Summit Microelectronics, Inc. S93WD463SAT Datasheet HTML 14Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
S93WD462/S93WD463
2029-01 4/14/98
ORDERING INFORMATION
S93WD463
Base Part Number
S93WD463 = 16-bit configuration
S93WD462 = 8-bit configuration
Tape and Reel Option
Blank = Tube
T = Tape and Reel
Package
P = 8 Lead PDIP
S = 8 Lead 150mil SOIC
Operating Voltage Range
A = 4.5V to 5.5V VTRIP Min. @ 4.25V
B = 4.5V to 5.5V VTRIP Min. @ 4.50V
2.7 = 2.7V to 5.5V VTRIP Min. @ 2.55V
P
-2.7
T
2029 ILL11.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com