Electronic Components Datasheet Search
  English  ▼

X  

C9530 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # C9530
Description  PCIX I/O System Clock Generator with EMI Control Features
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

C9530 Datasheet(HTML) 2 Page - Cypress Semiconductor

  C9530 Datasheet HTML 1Page - Cypress Semiconductor C9530 Datasheet HTML 2Page - Cypress Semiconductor C9530 Datasheet HTML 3Page - Cypress Semiconductor C9530 Datasheet HTML 4Page - Cypress Semiconductor C9530 Datasheet HTML 5Page - Cypress Semiconductor C9530 Datasheet HTML 6Page - Cypress Semiconductor C9530 Datasheet HTML 7Page - Cypress Semiconductor C9530 Datasheet HTML 8Page - Cypress Semiconductor C9530 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
C9530
Document #: 38-07033 Rev. *C
Page 2 of 11
Notes:
2. Pin numbers ending with * indicate that they contain device internal pull-up resistors that will insure that they are sensed as a logic 1 if no external circuitry is
connected to them.
3. A bypass capacitor (0.1
µF) should be placed as close as possible to each V
DD pin. If these bypass capacitors are not close to the pins their high-frequency
filtering characteristic will be cancelled by the lead inductance of the trace.
4. PWR = Power connection, I = Input, O = Output and I/O = both input and output functionality of the pin(s).
Pin Description[3]
Pin[2]
Name
PWR[4]
I/O
Description
3
XIN
VDDA
I
Crystal Buffer input pin. Connects to a crystal, or an external clock source. Serves
as input clock TCLK, in Test mode.
4
XOUT
VDDA
O
Crystal Buffer output pin. Connects to a crystal only. When a Can Oscillator is used
or in Test mode, this pin is kept unconnected.
1
REF
VDD
O
Buffered inverted outputs of the signal applied at Xin, typically 33.33 or 25.0 MHz
24*
OEA
VDD
I
Output Enable for clock bank A. Causes the CLKA output clocks to be in a
three-state condition when driven to a logic low level.
25*
OEB
VDD
I
Output Enable for clock bank B. Causes the CLKB output clocks to be in a
three-state condition when driven to a logic low level.
18
AGOOD#
VDD
O
When this output signal is a logic low level, it indicates that the output clocks of the
A bank are locked to the input reference clock. This output is latched.
31
BGOOD#
VDD
O
When this output signal is at a logic low level, it indicates that the output clocks of
the B bank are locked to the input reference clock. This output is latched.
6*, 7*
SA(0,1)
VDD
I
Clock Bank A selection bits. These control the clock frequency that will be present
on the outputs of the A bank of buffers. See Table 1 for frequency codes and selection
values.
43*, 42*
SB(0,1)
VDD
I
Clock Bank B selection bits. These control the clock frequency that will be present
on the outputs of the B bank of buffers. See Table 1 for frequency codes and selection
values.
20*, 21*, 22*
IA(0:2)
VDD
I
SMBus address selection input pins. See Table 3 SMBus Address table.
27*
SSCG#
VDD
I
Enables Spread Spectrum clock modulation when at a logic low level, see Spread
Spectrum Clocking on page 6.
48
SDATA
VDD
I/O
Data for the internal SMBus circuitry.
47
SCLK
VDD
I
Clock for the internal SMBus circuitry.
11, 14
VDDA
–
PWR 3.3V common power supply pin for Bank A PCI clocks CLKA.
38, 35
VDDB
–
PWR 3.3V common power supply pin for Bank B PCI clocks CLKB.
2, 44, 46
VDD
–
PWR Power supply for internal Core logic.
23, 29, 30
AVDD
–
PWR Power for internal analog circuitry. This supply should have a separately
decoupled current source from VDD.
9, 10, 12, 15,
16
CLKA (0:4) VDDA
O
A bank of five XINx1, XINx2, XINx3 and XINx4 output clocks.
40, 39, 37, 34,
33
CLKB (0:4) VDDB
O
A bank of five XINx1, XINx2, XINx3 and XINx4 output clocks.
5, 8, 13, 17,
19, 26, 28, 32,
36, 41, 45
VSS
–
PWR
Ground pins for the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com